Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313A Datasheet(PDF) 26 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313A
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313A Datasheet(HTML) 26 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313A Datasheet HTML 22Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 23Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 24Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 25Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 26Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 27Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 28Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 29Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 30Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
26
7
应用信息
7.1 DCDC/LDO
设计
•LDO
的输出电容不小于1uF。
•
对于定制为不使用(默认不输出)的LDO,使其输出pin悬空即可,不需接电容。
•
各DCDC使用1uH电感,饱和电流大于负载电流的30%以上,内阻不超过30mohm。
•DCDC
输出电容不小于10uF。
7.2
设计
•TWSI:SDA/SCL
需外接上拉电阻到上拉源。
•IRQ pin
需外接4.7k上拉电阻到上拉源。
•
若系统需要RESET按键,可将按键连接在PWROKpin与地之间。
•PWRON
按键与pin之间需使用RC(510Ω+100nF)。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com