Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313A Datasheet(PDF) 31 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313A
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313A Datasheet(HTML) 31 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313A Datasheet HTML 25Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 26Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 27Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 28Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 29Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 30Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 31Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 32Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 33Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
31
9.3.2
包装内储存条件
AXP313A
的存储期限如表9-4所定义。
表 9-4AXP313A包装内储存条件
Packing mode
Vacuum packing
Storage temperature
20
℃~26℃
Storage humidity
40%~60%RH
Shelf life
6 months
9.3.3
包装外储存条件
根据MSL等级的定义,AXP313A的包装外储存条件如表9-5所示。
表 9-5AXP313A包装外储存条件
Storage temperature
20
℃~26℃
Storage humidity
40%~60%RH
Moisture Sensitivity Level(MSL)
3
Floor life
168 hours
有关本文档中的储存规则,请参照IPC/JEDECJ-STD-020C。
9.4
烘烤
如果储存条件没有超过第9.4.2节和第9.4.3节中规定的条件,则无需烘烤AXP313A。若超过任何一个条
件,则需要烘烤AXP313A。
表 9-6AXP313A烘烤条件
Surrounding
Condition
Note
Nitrogen
Tray: 125
℃/8hours
Tape: 60
℃/72hours
Recommended condition. It is
recommended to bake once, no
more than three times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com