Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313A Datasheet(PDF) 17 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313A
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313A Datasheet(HTML) 17 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313A Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 17Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 18Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 19Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 20Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 21Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
17
休眠与唤醒
在开机的情况下,如果系统需要进入Sleep模式,并将其中某一路或几路电压输出关闭,则可由REG1CH[0]
控制,决定是否由以下触发信号触发wakeup:
1
软件唤醒。向REG1CH[1]写“1”。
2 IRQ pin
低电平唤醒。向REG1CH[4]写“1”,然后通过触发IRQ中断将IRQpin拉低并通过16msdebounce,
即(POKPIRQ(REG20H[7]=1) 或POKPNRQ(REG20H[6]=1)或POKSIRQ(REG20H[5]=1) 或POKLIRQ(REG
20H[4]=1)
或DCDC3欠压中断(REG20H[3]=1) 或DCDC2欠压中断(REG20H[2]=1) 或 芯片过温中断(REG
20H[0]=1) )
;或外部将IRQpin拉低并通过16msdebounce。
这些触发源让AXP313A将各路输出电源开关状态恢复到REG1CH[0]被写“1”之前的状态并将电压恢复
为默认值或寄存器设定值(该功能由REG1CH[2]决定),各路被关闭的电源依次按照设定的上电时序进
行恢复。
如下为Sleep和Wakeup模式下的控制流程。
图 6-4 休眠唤醒流程
将REG1CH[0]写1打开
唤醒功能,PMIC记录此
时REG10H的设置
写REG10H,关闭相应
电源
Sleep
并等待
wakeup
事件发生
唤醒?
各路电源输出使能恢复到
sleep
前的状态,输出电压
恢复至默认值或寄存器值
Y
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com