Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313A Datasheet(PDF) 30 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313A
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313A Datasheet(HTML) 30 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313A Datasheet HTML 25Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 26Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 27Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 28Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 29Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 30Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 31Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 32Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 33Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
30
表 9-2AXP313A包装数量信息
Type
Quantity
Part Number
Tape
3000pcs/Tape
AXP313A
9.3
储存
9.3.1
潮敏等级MoistureSensitivityLevel(MSL)
封装的MSL表明其从包装袋中取出后能够承受暴露的能力。低MSL元件可以暴露于环境湿气的时间比
高MSL元件的更长。所有的MSL定义如表9-3所示。
表 9-3MSL对应表
MSL
Out-of-bag floor life
Comments
1
Unlimited
≤30℃/85%RH
2
1 year
≤30℃/60%RH
2a
4 weeks
≤30℃/60%RH
3
168 hours
≤30℃/60%RH
4
72 hours
≤30℃/60%RH
5
48 hours
≤30℃/60%RH
5a
24 hours
≤30℃/60%RH
6
Time on Label(TOL)
≤30℃/60%RH
AXP313A
归为MSL3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com