Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8360ECVVALFHA Datasheet(PDF) 93 Page - NXP Semiconductors

No. de pieza MPC8360ECVVALFHA
Descripción Electrónicos  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 89Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 90Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 91Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 92Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 93Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 94Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 95Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 96Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
93
Thermal Management Information
TJ = TB + (RθJB × PD)
where:
TJ = junction temperature (° C)
TB = board temperature at the package perimeter (° C)
RθJA = junction to board thermal resistance (° C/W) per JESD51-8
PD = power dissipation in the package (W)
When the heat loss from the package case to the air can be ignored, acceptable predictions of junction temperature can be made.
The application board should be similar to the thermal test condition: the component is soldered to a board with internal planes.
22.2.3
Experimental Determination of Junction Temperature
To determine the junction temperature of the device in the application after prototypes are available, the Thermal
Characterization Parameter (
Ψ
JT) can be used to determine the junction temperature with a measurement of the temperature at
the top center of the package case using the following equation:
TJ = TT + (ΨJT × PD)
where:
TJ = junction temperature (° C)
TT = thermocouple temperature on top of package (° C)
Ψ
JT = junction-to-ambient thermal resistance (° C/W)
PD = power dissipation in the package (W)
The thermal characterization parameter is measured per JESD51-2 specification using a 40 gauge type T thermocouple epoxied
to the top center of the package case. The thermocouple should be positioned so that the thermocouple junction rests on the
package. A small amount of epoxy is placed over the thermocouple junction and over about 1 mm of wire extending from the
junction. The thermocouple wire is placed flat against the package case to avoid measurement errors caused by cooling effects
of the thermocouple wire.
22.2.4
Heat Sinks and Junction-to-Ambient Thermal Resistance
In some application environments, a heat sink is required to provide the necessary thermal management of the device. When a
heat sink is used, the thermal resistance is expressed as the sum of a junction to case thermal resistance and a case to ambient
thermal resistance:
RθJA = RθJC + RθCA
where:
RθJA = junction-to-ambient thermal resistance (° C/W)
RθJC = junction-to-case thermal resistance (° C/W)
RθCA = case-to-ambient thermal resistance (° C/W)
RθJC is device related and cannot be influenced by the user. The user controls the thermal environment to change the
case-to-ambient thermal resistance, RθCA. For instance, the user can change the size of the heat sink, the airflow around the
device, the interface material, the mounting arrangement on printed-circuit board, or change the thermal dissipation on the
printed-circuit board surrounding the device.
To illustrate the thermal performance of the devices with heat sinks, the thermal performance has been simulated with a few
commercially available heat sinks. The heat sink choice is determined by the application environment (temperature, airflow,
adjacent component power dissipation) and the physical space available. Because there is not a standard application
environment, a standard heat sink is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com