Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8360ECVVALFHA Datasheet(PDF) 71 Page - NXP Semiconductors

No. de pieza MPC8360ECVVALFHA
Descripción Electrónicos  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 67Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 68Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 69Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 70Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 71Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 72Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 73Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 74Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
71
Pinout Listings
LVDD0
D5, D6
Power for
UCC1
Ethernet
interface
(2.5 V,
3.3 V)
LVDD0—
LVDD1
C17, D16
Power for
UCC2
Ethernet
interface
option 1
(2.5 V,
3.3 V)
LVDD1
9
LVDD2
B18, E21
Power for
UCC2
Ethernet
interface
option 2
(2.5 V,
3.3 V)
LVDD2
9
VDD
C36, D29, D35, E16, F9, F12, F15, F17, F18, F20,
F21, F23, F25, F26, F29, F31, F32, F33, G6, J6,
K32, M32, N6, P33, R6, R32, U32, V6, Y5, Y32,
AB6, AB33, AD6, AF32, AK6, AL6, AM7, AM9,
AM10, AM11, AM12, AM13, AM14, AM15, AM18,
AM21, AM25, AM28, AM32, AN15, AN21, AN26,
AU9, AU17
Power for
core
(1.2 V)
VDD
—
OVDD
A10, B9, B15, B32, C1, C12, C22, C29, D24, E3,
E10, E27, G4, H35, J1, J35, K2, M4, N3, N34, R2,
R37, T36, U2, U33, V4, V34, W3, Y35, Y37, AA1,
AA36, AB2, AB34
PCI,
10/100
Ethernet,
and other
standard
(3.3 V)
OVDD
—
MVREF1
AN20
I
DDR
reference
voltage
—
MVREF2
AU32
I
DDR
reference
voltage
—
SPARE1
B11
I/O
OVDD
8
SPARE3
AH32
—
GVDD
8
SPARE4
AU18
—
GVDD
7
SPARE5
AP1
—
GVDD
8
Table 66. MPC8360E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com