Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8360ECVVALFHA Datasheet(PDF) 90 Page - NXP Semiconductors

No. de pieza MPC8360ECVVALFHA
Descripción Electrónicos  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 86Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 87Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 88Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 89Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 90Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 91Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 92Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 93Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
90
Freescale Semiconductor
Suggested PLL Configurations
The following steps describe how to use above table. See Example 1.
2.
Choose the up or down sections in the table according to input clock rate 33 MHz or 66 MHz.
3.
Select a suitable CSB and core clock rates from Table 76. Copy the SPMF and CORE PLL configuration bits.
4.
Select a suitable QUICC Engine block clock rate from Table 76. Copy the CEPMF and CEPDF configuration bits.
5.
Insert the chosen SPMF, COREPLL, CEPMF and CEPDF to the RCWL fields, respectively.
c5
æ
æ
10000
0
33
—
—
533
—
∞∞
c6
æ
æ
10001
0
33
—
—
566
—
—
∞
66 MHz CLKIN/PCI_SYNC_IN Options
s1h
0011
0000110
æ
æ
66
200
400
—
∞∞
∞
s2h
0011
0000101
æ
æ
66
200
500
—
—
∞∞
s3h
0011
0000110
æ
æ
66
200
600
—
—
—
∞
s4h
0100
0000011
æ
æ
66
266
400
—
∞∞
∞
s5h
0100
0000100
æ
æ
66
266
533
—
—
∞∞
s6h
0100
0000101
æ
æ
66
266
667
—
—
—
∞
s7h
0101
0000010
æ
æ
66
333
333
—
∞∞
∞
s8h
0101
0000011
æ
æ
66
333
500
—
—
∞∞
s9h
0101
0000100
æ
æ
66
333
667
—
—
—
∞
c1h
æ
æ
00101
0
66
—
—
333
∞∞
∞
c2h
æ
æ
00110
0
66
—
—
400
∞∞
∞
c3h
æ
æ
00111
0
66
—
—
466
—
∞∞
c4h
æ
æ
01000
0
66
—
—
533
—
∞∞
c5h
æ
æ
01001
0
66
—
—
600
—
—
∞
Note:
1. The Conf No. consist of prefix, an index and a postfix. The prefix “s” and “c” stands for “syset” and “ce” respectively. The
postfix “h” stands for “high input clock.’”The index is a serial number.
Table 76. Suggested PLL Configurations (continued)
Conf
No.1
SPMF
CORE
PLL
CEPMF
CEPDF
Input
Clock Freq
(MHz)
CSB Freq
(MHz)
Core Freq
(MHz)
QUICC
Engine
Freq (MHz)
400
(MHz)
533
(MHz)
667
(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com