Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8360ECVVALFHA Datasheet(PDF) 86 Page - NXP Semiconductors

No. de pieza MPC8360ECVVALFHA
Descripción Electrónicos  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 82Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 83Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 84Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 85Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 86Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 87Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 88Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 89Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
86
Freescale Semiconductor
Core PLL Configuration
21.2
Core PLL Configuration
RCWL[COREPLL] selects the ratio between the internal coherent system bus clock (csb_clk) and the e300 core clock
(core_clk). This table shows the encodings for RCWL[COREPLL]. COREPLL values not listed in this table should be
considered reserved.
NOTE
Core VCO frequency = Core frequency × VCO divider. The VCO divider
(RCWL[COREPLL[0:1]]) must be set properly so that the core VCO frequency is in the
range of 800–1800 MHz. Having a core frequency below the CSB frequency is not a
possible option because the core frequency must be equal to or greater than the CSB
frequency.
Table 73. e300 Core PLL Configuration
RCWL[COREPLL]
core_clk:csb_clk
Ratio
VCO divider
0–1
2–5
6
nn
0000
n
PLL bypassed
(PLL off, csb_clk
clocks core directly)
PLL bypassed
(PLL off, csb_clk
clocks core directly)
00
0001
01:1
÷2
01
0001
01:1
÷4
10
0001
01:1
÷8
11
0001
01:1
÷8
00
0001
11.5:1
÷2
01
0001
11.5:1
÷4
10
0001
11.5:1
÷8
11
0001
11.5:1
÷8
00
0010
02:1
÷2
01
0010
02:1
÷4
10
0010
02:1
÷8
11
0010
02:1
÷8
00
0010
12.5:1
÷2
01
0010
12.5:1
÷4
10
0010
12.5:1
÷8
11
0010
12.5:1
÷8
00
0011
03:1
÷2
01
0011
03:1
÷4
10
0011
03:1
÷8
11
0011
03:1
÷8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com