Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8360ECVVALFHA Datasheet(PDF) 84 Page - NXP Semiconductors

No. de pieza MPC8360ECVVALFHA
Descripción Electrónicos  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 80Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 81Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 82Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 83Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 84Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 85Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 86Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 87Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
84
Freescale Semiconductor
System PLL Configuration
The RCWL[SVCOD] denotes the system PLL VCO internal frequency as shown in this table.
NOTE
The VCO divider must be set properly so that the system VCO frequency is in the range of
600–1400 MHz.
The system VCO frequency is derived from the following equations:
•
csb_clk = {PCI_SYNC_IN × (1 + CFG_CLKIN_DIV)} × SPMF
•
System VCO Frequency = csb_clk × VCO divider (if both RCWL[DDRCM] and RCWL[LBCM] are cleared)
OR
•
System VCO frequency = 2
× csb_clk × VCO divider (if either RCWL[DDRCM] or RCWL[LBCM] are set).
As described in Section 21, “Clocking,” the LBCM, DDRCM, and SPMF parameters in the reset configuration word low and
the CFG_CLKIN_DIV configuration input signal select the ratio between the primary clock input (CLKIN or PCI_CLK) and
the internal coherent system bus clock (csb_clk). This table shows the expected frequency values for the CSB frequency for
select csb_clk to CLKIN/PCI_SYNC_IN ratios.
1100
× 12
1101
× 13
1110
× 14
1111
× 15
Table 71. System PLL VCO Divider
RCWL[SVCOD]
VCO Divider
00
4
01
8
10
2
11
Reserved
Table 72. CSB Frequency Options
CFG_CLKIN_DIV
at Reset1
SPMF
csb_clk:
Input Clock Ratio2
Input Clock Frequency (MHz)2
16.67
25
33.33
66.67
csb_clk Frequency (MHz)
Low
0010
2:1
133
Low
0011
3:1
100
200
Low
0100
4:1
100
133
266
Low
0101
5:1
125
166
333
Table 70. System PLL Multiplication Factors (continued)
RCWL[SPMF]
System PLL
Multiplication Factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com