Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8360ECVVALFHA Datasheet(PDF) 89 Page - NXP Semiconductors

No. de pieza MPC8360ECVVALFHA
Descripción Electrónicos  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 85Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 86Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 87Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 88Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 89Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 90Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 91Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 92Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
89
Suggested PLL Configurations
The QUICC Engine block VCO frequency is derived from the following equations:
ce_clk = (primary clock input × CEPMF)
÷ (1 + CEPDF)
QE VCO Frequency = ce_clk × VCO divider × (1 + CEPDF)
21.4
Suggested PLL Configurations
To simplify the PLL configurations, the device might be separated into two clock domains. The first domain contains the CSB
PLL and the core PLL. The core PLL is connected serially to the CSB PLL, and has the csb_clk as its input clock. The second
clock domain has the QUICC Engine block PLL. The clock domains are independent, and each of their PLLs are configured
separately. Both of the domains has one common input clock. This table shows suggested PLL configurations for 33 and
66 MHz input clocks and illustrates each of the clock domains separately. Any combination of clock domains setting with same
input clock are valid. Refer to Section 21, “Clocking,” for the appropriate operating frequencies for your device.
Table 76. Suggested PLL Configurations
Conf
No.1
SPMF
CORE
PLL
CEPMF
CEPDF
Input
Clock Freq
(MHz)
CSB Freq
(MHz)
Core Freq
(MHz)
QUICC
Engine
Freq (MHz)
400
(MHz)
533
(MHz)
667
(MHz)
33 MHz CLKIN/PCI_SYNC_IN Options
s1
0100
0000100
æ
æ
33
133
266
—
∞∞
∞
s2
0100
0000101
æ
æ
33
133
333
—
∞∞
∞
s3
0101
0000100
æ
æ
33
166
333
—
∞∞
∞
s4
0101
0000101
æ
æ
33
166
416
—
—
∞∞
s5
0110
0000100
æ
æ
33
200
400
—
∞∞
∞
s6
0110
0000110
æ
æ
33
200
600
—
—
—
∞
s7
0111
0000011
æ
æ
33
233
350
—
∞∞
∞
s8
0111
0000100
æ
æ
33
233
466
—
—
∞∞
s9
0111
0000101
æ
æ
33
233
583
—
—
—
∞
s10
1000
0000011
æ
æ
33
266
400
—
∞∞
∞
s11
1000
0000100
æ
æ
33
266
533
—
—
∞∞
s12
1000
0000101
æ
æ
33
266
667
—
—
—
∞
s13
1001
0000010
æ
æ
33
300
300
—
∞∞
∞
s14
1001
0000011
æ
æ
33
300
450
—
—
∞∞
s15
1001
0000100
æ
æ
33
300
600
—
—
—
∞
s16
1010
0000010
æ
æ
33
333
333
—
∞∞
∞
s17
1010
0000011
æ
æ
33
333
500
—
—
∞∞
s18
1010
0000100
æ
æ
33
333
667
—
—
—
∞
c1
æ
æ
01001
0
33
—
—
300
∞∞
∞
c2
æ
æ
01100
0
33
—
—
400
∞∞
∞
c3
æ
æ
01110
0
33
—
—
466
—
∞∞
c4
æ
æ
01111
0
33
—
—
500
—
∞∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com