Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8360ECVVALFHA Datasheet(PDF) 18 Page - NXP Semiconductors

No. de pieza MPC8360ECVVALFHA
Descripción Electrónicos  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 14Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 15Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 16Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 17Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 18Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 19Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 20Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 21Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
18
Freescale Semiconductor
QUICC Engine Block Operating Frequency Limitations
5.3
QUICC Engine Block Operating Frequency Limitations
This section specify the limits of the AC electrical characteristics for the operation of the QUICC Engine block’s
communication interfaces.
NOTE
The settings listed below are required for correct hardware interface operation. Each
protocol by itself requires a minimal QUICC Engine block operating frequency setting for
meeting the performance target. Because the performance is a complex function of all the
QUICC Engine block settings, the user should make use of the QUICC Engine block
performance utility tool provided by Freescale to validate their system.
This table lists the maximal QUICC Engine block I/O frequencies and the minimal QUICC Engine block core frequency for
each interface.
6
DDR and DDR2 SDRAM
This section describes the DC and AC electrical specifications for the DDR and DDR2 SDRAM interface of the
MPC8360E/58E.
Table 13. QUICC Engine Block Operating Frequency Limitations
Interface
Interface Operating
Frequency (MHz)
Max Interface Bit
Rate (Mbps)
Min QUICC Engine
Operating
Frequency1 (MHz)
Notes
Ethernet Management: MDC/MDIO
10 (max)
10
20
—
MII
25 (typ)
100
50
—
RMII
50 (typ)
100
50
—
GMII/RGMII/TBI/RTBI
125 (typ)
1000
250
—
SPI (master/slave)
10 (max)
10
20
—
UCC through TDM
50 (max)
70
8
× F
2
MCC
25 (max)
16.67
16
× F
2, 4
UTOPIA L2
50 (max)
800
2
× F
2
POS-PHY L2
50 (max)
800
2
× F
2
HDLC bus
10 (max)
10
20
—
HDLC/transparent
50 (max)
50
8/3
× F
2, 3
UART/async HDLC
3.68 (max internal ref
clock)
115 (Kbps)
20
—
BISYNC
2 (max)
2
20
—
USB
48 (ref clock)
12
96
—
Notes:
1. The QUICC Engine module needs to run at a frequency higher than or equal to what is listed in this table.
2. ‘F’ is the actual interface operating frequency.\
3. The bit rate limit is independent of the data bus width (that is, the same for serial, nibble, or octal interfaces).
4. TDM in high-speed mode for serial data interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com