Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8360ECVVALFHA Datasheet(PDF) 72 Page - NXP Semiconductors

No. de pieza MPC8360ECVVALFHA
Descripción Electrónicos  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 68Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 69Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 70Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 71Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 72Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 73Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 74Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 75Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
72
Freescale Semiconductor
Pinout Listings
This table shows the pin list of the MPC8358E TBGA package.
No Connect
NC
AM20, AU19
—
—
—
Notes:
1. This pin is an open drain signal. A weak pull-up resistor (1 k
Ω) should be placed on this pin to OVDD
2. This pin is an open drain signal. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to OVDD.
3. This output is actively driven during reset rather than being three-stated during reset.
4. These JTAG pins have weak internal pull-up P-FETs that are always enabled.
5. This pin should have a weak pull up if the chip is in PCI host mode. Follow PCI specifications recommendation.
6. These are On Die Termination pins, used to control DDR2 memories internal termination resistance.
7. This pin must always be tied to GND.
8. This pin must always be left not connected.
9. Refer to MPC8360E PowerQUICC II Pro Integrated Communications Processor Reference Manual section on “RGMII Pins,”
for information about the two UCC2 Ethernet interface options.
10.It is recommended that MDIC0 be tied to GND using an 18.2
Ω resistor and MDIC1 be tied to DDR power using an 18.2 Ω
resistor for DDR2.
Table 67. MPC8358E TBGA Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
DDR SDRAM Memory Controller Interface
MEMC1_MDQ[0:63]
AJ34, AK33, AL33, AL35, AJ33, AK34, AK32,
AM36, AN37, AN35, AR34, AT34, AP37, AP36,
AR36, AT35, AP34, AR32, AP32, AM31, AN33,
AM34, AM33, AM30, AP31, AM27, AR30, AT32,
AN29, AP29, AN27, AR29, AN8, AN7, AM8, AM6,
AP9, AN9, AT7, AP7, AU6, AP6, AR4, AR3, AT6,
AT5, AR5, AT3, AP4, AM5, AP3, AN3, AN5, AL5,
AN4, AM2, AL2, AH5, AK3, AJ2, AJ3, AH4, AK4,
AH3
I/O
GVDD
—
MEMC_MECC[0:4]/MSRCID[0:4]
AP24, AN22, AM19, AN19, AM24
I/O
GVDD
—
MEMC_MECC[5]/MDVAL
AM23
I/O
GVDD
—
MEMC_MECC[6:7]
AM22, AN18
I/O
GVDD
—
MEMC_MDM[0:8]
AL36, AN34, AP33, AN28,AT9, AU4, AM3,
AJ6,AP27
OGVDD
—
MEMC_MDQS[0:8]
AK35, AP35, AN31, AM26,AT8, AU3, AL4, AJ5,
AP26
I/O
GVDD
—
MEMC_MBA[0:1]
AU29, AU30
O
GVDD
MEMC_MBA[2]
AT30
O
GVDD
—
MEMC_MA[0:14]
AU21, AP22, AP21, AT21, AU25, AU26, AT23,
AR26, AU24, AR23, AR28, AU23, AR22, AU20,
AR18
OGVDD
—
MEMC_MODT[0:3]
AG33, AJ36, AT1, AK2
O
GVDD
6
Table 66. MPC8360E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com