Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDMF6840C Datasheet(PDF) 18 Page - ON Semiconductor

No. de pieza FDMF6840C
Descripción Electrónicos  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6840C Datasheet(HTML) 18 Page - ON Semiconductor

Back Button FDMF6840C Datasheet HTML 11Page - ON Semiconductor FDMF6840C Datasheet HTML 12Page - ON Semiconductor FDMF6840C Datasheet HTML 13Page - ON Semiconductor FDMF6840C Datasheet HTML 14Page - ON Semiconductor FDMF6840C Datasheet HTML 15Page - ON Semiconductor FDMF6840C Datasheet HTML 16Page - ON Semiconductor FDMF6840C Datasheet HTML 17Page - ON Semiconductor FDMF6840C Datasheet HTML 18Page - ON Semiconductor FDMF6840C Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
www.onsemi.com
18
Physical Dimensions
Figure 33.
40-Lead, Clipbond PQFN DrMOS, 6.0x6.0 m m Package
BOTTOM VIEW
LAND PATTERN
RECOMMENDATION
NOTES: UNLESS OTHERWISE SPECIFIED
A) DOES NOT FULLY CONFORM TO JEDEC
REGISTRATION MO-220, DATED
MAY/2005.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE BURRS
OR MOLD FLASH. MOLD FLASH OR
BURRS DOES NOT EXCEED 0.10MM.
D) DIMENSIONING AND TOLERANCING PER
ASME Y14.5M-1994.
E) DRAWING FILE NAME: PQFN40AREV3
SEE
DETAIL 'A'
DETAIL 'A'
SCALE: 2:1
SEATING
PLANE
0.65
0.40
2.10
0.50 TYP
4.50
5.80
2.50
0.25
1.60
0.60
0.15
2.10
0.35
1
TOP VIEW
FRONT VIEW
C
0.30
0.20
0.05
0.00
1.10
0.90
0.10 C
0.08 C
10
11
20
21
30
31
40
0.40
0.50
(0.70)
0.40
2.00±0.10
2.00±0.10
(0.20)
(0.20)
1.50±0.10
0.50
0.30
(40X)
0.20
6.00
6.00
0.10 C
2X
B
A
0.10 C
2X
0.30
0.20 (40X)
4.40±0.10
0.10
C A B
0.05
C
(2.20)
0.50
10
1
40
31
30
21
20
11
PIN#1
INDICATOR
PIN #1 INDICATOR
MAY APPEAR AS
OPTIONAL
2.40±0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com