Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDMF6840C Datasheet(PDF) 16 Page - ON Semiconductor

No. de pieza FDMF6840C
Descripción Electrónicos  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6840C Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FDMF6840C Datasheet HTML 11Page - ON Semiconductor FDMF6840C Datasheet HTML 12Page - ON Semiconductor FDMF6840C Datasheet HTML 13Page - ON Semiconductor FDMF6840C Datasheet HTML 14Page - ON Semiconductor FDMF6840C Datasheet HTML 15Page - ON Semiconductor FDMF6840C Datasheet HTML 16Page - ON Semiconductor FDMF6840C Datasheet HTML 17Page - ON Semiconductor FDMF6840C Datasheet HTML 18Page - ON Semiconductor FDMF6840C Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
www.onsemi.com
16
PCB Layout Guidelines
Figure 31 and Figure 32 provide an example of a proper
layout for the FDMF6840C and critical components. All
of the high-current paths, such as V IN, VSWH, VOUT,
and GND copper, should be short and w ide for low
inductance and resistance. This aids in achieving a
more stable and evenly distributed current flow , along
w ith enhanced heat radiation and system performance.
Recommendations for PCB Designers
1. Input ceramic bypass capacitors must be placed
close to the V IN and PGND pins. This helps reduce
the high-current pow er loop inductance and the input
current ripple induced by the pow er MOSFET
sw itching operation.
2. The VSWH copper trace serves tw o purposes. In
addition to being the high-frequency current path
from the Dr MOS package to the output inductor, it
serves as a heat sink for the low -side MOSFET in
the Dr MOS package. The trace should be short and
w ide enough to present a low -impedance path for
the high-frequency, high-current flow betw een the
Dr MOS and inductor. The short and w ide trace
minimizes electrical losses as w ell as the Dr MOS
temperature rise. Note that the VSWH node is a high-
voltage and high-frequency sw itching node w ith high
noise potential. Care should be taken to minimize
coupling to adjacent traces. Since this copper trace
acts as a heat sink for the low er MOSFET, balance
using the largest area possible to improve Dr MOS
cooling w hile maintaining acceptable noise emission.
3. An output inductor should be located close to the
FDMF6840C to minimize the pow er loss due to the
VSWH copper trace. Care should also be taken so the
inductor dissipation does not heat the DrMOS.
4. Pow erTrench
®
MOSFETs are used in the output
stage and are effective at minimizing ringing due to
fast sw itching. In most cases, no VSWH snubber is
required. If a snubber is used, it should be placed
close to the VSWH and PGND pins. The selected
resistor and capacitor need to be the proper size for
pow er dissipation.
5. VCIN, VDRV, and BOOT capacitors should be
placed as close as possible to the V CIN-to- CGND,
VDRV-to-CGND, and BOOT-to- PHA SE pin pairs to
ensure clean and stable pow er. Routing w idth and
length should be considered as w ell.
6. Inc lude a trace from the PHASE pin to the VSWH pin
to improve noise margin. Keep this trace as short as
possible.
7. The layout should include the option to insert a
small-value series boot resistor betw een the boot
capacitor
and BOOT
pin.
The
boot-loop size,
including RBOOT and CBOOT, should be as s mall as
possible. The boot resistor may be required w hen
operating above 15 VIN and is effective at controlling
the high-side MOSFET turn-on slew rate and VSHW
overshoot.
RBOOT can improve
noise
operating
margin in synchronous buck designs that may have
noise issues due to ground bounce or high positive
and
negative
VSWH
ringing.
Inserting
a
boot
resistance low ers the Dr MOS efficiency. Efficiency
versus noise trade-offs must be considered. RBOOT
values from 0.5
Ω to 3.0 Ω are typically effective in
reducing VSWH overshoot.
8. The V IN and PGND pins handle large current
transients w ith frequency components greater than
100 MHz.
If
possible,
these
pins
should
be
connected directly to the VIN and board GND
planes. The use of ther mal relief traces in series w ith
these pins is discouraged s ince this adds inductance
to the pow er path. This added inductance in series
w ith either the V IN or PGND pin degrades system
noise immunity by increasing pos itive and negative
VSWH ringing.
9. GND pad and PGND pins should be connected to
the GND copper plane w ith multiple vias for stable
grounding. Poor grounding can create a noise
transient offset voltage level betw een CGND and
PGND. This could lead to faulty operation of the gate
driver and MOSFETs.
10. Ringing
at the BOOT pin
is
most
effectively
controlled by close placement of the boot capacitor.
Do not add an additional BOOT to the PGND
capacitor. This may lead to excess current flow
through the BOOT diode.
11. The SMOD# and DISB# pins have w eak internal
pull-up and pull-dow n current sources, respectively.
These
pins
should
not
have any
noise filter
capacitors. Do not to float these pins
unless
absolutely necessary.
12. Use multiple vias on the V IN and VOUT copper
areas to interconnect top, inner, and bottom layers
to distribute current flow and heat conduction. Do
not put many vias on the VSWH copper to avoid
extra parasitic
inductance and
noise on the
sw itching w aveform. As long as efficiency and
ther mal perfor mance are acceptable, place only
one VSWH copper on the top layer and use no vias
on the VSWH copper to minimize sw itch node
parasitic noise. Vias should be relatively large and
of
reasonably
low
inductance.
Cr itical
high-
frequency components, such as RBOOT, CBOOT, RC
snubber, and bypass capacitors; should be located
as close to the respective Dr MOS module pins as
possible on the top layer of the PCB. If this is not
feasible, they can be connected from the backside
through a netw ork of low -inductance vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com