Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDMF6840C Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza FDMF6840C
Descripción Electrónicos  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6840C Datasheet(HTML) 5 Page - ON Semiconductor

  FDMF6840C Datasheet HTML 1Page - ON Semiconductor FDMF6840C Datasheet HTML 2Page - ON Semiconductor FDMF6840C Datasheet HTML 3Page - ON Semiconductor FDMF6840C Datasheet HTML 4Page - ON Semiconductor FDMF6840C Datasheet HTML 5Page - ON Semiconductor FDMF6840C Datasheet HTML 6Page - ON Semiconductor FDMF6840C Datasheet HTML 7Page - ON Semiconductor FDMF6840C Datasheet HTML 8Page - ON Semiconductor FDMF6840C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.onsemi.com
5
Electrical Characteristics
Typical values are VIN = 12 V, VCIN = 5 V, VDRV = 5 V, and TA = TJ = +25°C unless otherw ise noted.
Symbol
Parameter
Condition
Min. Typ. Max. Unit
Basic Operation
IQ
Quiescent Current
IQ=IVCIN+IVDRV, PWM=LOW or HIGH or Float
2
mA
VUVLO
UVLO Threshold
VCIN Rising
2.9
3.1
3.3
V
VUVLO_Hys
UVLO Hysteresis
0.4
V
PWM Input (VCIN = VDRV = 5 V ±10%)
RUP_PWM
Pull-Up Impedance
VPWM=5 V
26
kΩ
RDN_PWM
Pull-Dow n Impedance
VPWM=0 V
12
kΩ
VIH_PWM
PWM High Level Voltage
1.88
2.25
2.61
V
VTRI_HI
3-State Upper Threshold
1.84
2.20
2.56
V
VTRI_LO
3-State Low er Threshold
0.70
0.95
1.19
V
VIL_PWM
PWM Low Level Voltage
0.62
0.85
1.13
V
tD_HOLD-OFF 3-State Shut-Off Time
160
200
ns
VHiZ_PWM
3-State Open Voltage
1.40
1.60
1.90
V
PWM Input (VCIN = VDRV = 5 V ±5%)
RUP_PWM
Pull-Up Impedance
VPWM=5 V
26
kΩ
RDN_PWM
Pull-Dow n Impedance
VPWM=0 V
12
kΩ
VIH_PWM
PWM High Level Voltage
2.00
2.25
2.50
V
VTRI_HI
3-State Upper Threshold
1.94
2.20
2.46
V
VTRI_LO
3-State Low er Threshold
0.75
0.95
1.15
V
VIL_PWM
PWM Low Level Voltage
0.66
0.85
1.09
V
tD_HOLD-OFF 3-State Shut-Off Time
160
200
ns
VHiZ_PWM
3-State Open Voltage
1.45
1.60
1.80
V
DISB# Input
VIH_DISB
High-Level Input Voltage
2
V
VIL_DISB
Low -Level Input Voltage
0.8
V
IPLD
Pull-Dow n Current
10
µA
tPD_DISBL
Propagation Delay
PWM=GND, Delay Betw een DISB# from
HIGH to LOW to GL from HIGH to LOW
25
ns
tPD_DISBH
Propagation Delay
PWM=GND, Delay Betw een DISB# from
LOW to HIGH to GL from LOW to HIGH
25
ns
SMOD# Input
VIH_SMOD
High-Level Input Voltage
2
V
VIL_SMOD
Low -Level Input Voltage
0.8
V
IPLU
Pull-Up Current
10
µA
tPD_SLGLL
Propagation Delay
PWM=GND, Delay Betw een SMOD# from
HIGH to LOW to GL from HIGH to LOW
10
ns
tPD_SHGLH
Propagation Delay
PWM=GND, Delay Betw een SMOD# from
LOW to HIGH to GL from LOW to HIGH
10
ns
Continued on the following page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com