Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDMF6840C Datasheet(PDF) 12 Page - ON Semiconductor

No. de pieza FDMF6840C
Descripción Electrónicos  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6840C Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FDMF6840C Datasheet HTML 8Page - ON Semiconductor FDMF6840C Datasheet HTML 9Page - ON Semiconductor FDMF6840C Datasheet HTML 10Page - ON Semiconductor FDMF6840C Datasheet HTML 11Page - ON Semiconductor FDMF6840C Datasheet HTML 12Page - ON Semiconductor FDMF6840C Datasheet HTML 13Page - ON Semiconductor FDMF6840C Datasheet HTML 14Page - ON Semiconductor FDMF6840C Datasheet HTML 15Page - ON Semiconductor FDMF6840C Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.onsemi.com
12
Functional Description
The FDMF6840C is a driver-plus-FET module optimized
for the synchronous buck converter topology. A single
PWM input signal is all that is required to properly drive
the high-side and the low -side MOSFETs. Each part is
capable of driving speeds up to 1 MHz.
VCIN and Disable (DISB#)
The VCIN pin is monitored by an Under-Voltage Loc kout
(UVLO) c ircuit. When VCIN rises above ~3.1 V, the dr iver
is enabled. When VCIN falls below ~2.7 V, the driver is
disabled ( GH, GL=0). The driver can also be disabled by
pulling the DISB# pin LOW ( DISB# < VIL_DISB), w hich
holds both GL and GH LOW regardless of the PWM
input state. The dr iver can be enabled by raising the
DISB# pin voltage HIGH (DISB# > VIH_DISB).
Table 1.
UVLO and Disable Logic
UVLO
DISB#
Driver State
0
X
Disabled (GH, GL=0)
1
0
Disabled (GH, GL=0)
1
1
Enabled (see Table 2)
1
Open
Disabled (GH, GL=0)
Note:
3.
DISB# internal pull-dow n current source is 10 µA.
Thermal Warning Flag (THWN#)
The FDMF6840C provides a ther mal w arning flag
(THWN#) to w arn of over-temperature conditions. The
ther mal w arning flag uses an open-drain output that
pulls to CGND w hen the activation temperature (150°C)
is reached. The THWN# output returns to a high-
impedance state once the temperature falls to the reset
temperature (135°C). For use, the THWN# output
requires a pull-up resistor, w hich can be connected to
VCIN. THWN# does NOT disable the DrMOS module.
Figure 26.
THWN Operation
Three-State PWM Input
The FDMF6840C incorporates a three-state 3.3 V PWM
input gate drive design. The three-state gate dr ive has
both logic HIGH level and LOW level, along w ith a
three-state shutdow n w indow . When the PWM input
signal enters and remains w ithin the three-state w indow
for a defined hold-off time (tD_HOLD-OFF), both GL and GH
are pulled LOW. This enables the gate drive to shut
dow n both high-side and low -side MOSFETs to support
features such as phase shedding, w hich is common on
multi-phase voltage regulators.
Exiting Three-State Condition
When
exiting
a
valid
three-state
condition,
the
FDMF6840C follow s the PWM input command. If the
PWM input goes from three-state to LOW, the low -side
MOSFET is turned on. If the PWM input goes from
three-state to HIGH, the high-side MOSFET is turned
on. This is illustrated in Figure 27. The FDMF6840C
design allow s for short propagation delays w hen exiting
the three-state w indow (see Electrical Characteristics).
Low-Side Driver
The low -side driver (GL) is designed to drive a ground-
referenced, low -RDS(ON), N-channel MOSFET. The bias
for GL is internally connected betw een the VDRV and
CGND pins. When the dr iver is enabled, the driver's
output is 180° out of phase w ith the PWM input. When
the driver is disabled (DISB#=0 V), GL is held LOW.
High-Side Driver
The high-side driver (GH) is designed to drive a floating
N-channel MOSFET. The bias voltage for the high-side
driver
is
developed by
a bootstrap supply
circuit
consisting of the internal Schottky diode and external
bootstrap capacitor (CBOOT). During startup, VSWH is held
at PGND, allow ing CBOOT to charge to VDRV through the
internal diode. When the PWM input goes HIGH, GH
begins to charge the gate of the high-side MOSFET (Q1).
During this transition, the charge is removed from CBOOT
and delivered to the gate of Q1. As Q1 turns on, VSWH
rises to VIN, forcing the BOOT pin to VIN + VBOOT, w hich
provides sufficient VGS enhancement for Q1. To complete
the sw itching cycle, Q1 is turned off by pulling GH to
VSWH. CBOOT is then recharged to VDRV w hen VSWH falls to
PGND. GH output is in-phase w ith the PWM input. The
high-side gate is held LOW w hen the driver is disabled or
the PWM signal is held w ithin the three-state w indow for
longer than the three-state hold-off time, tD_HOLD-OFF.
150°C
Activation
Temperature
TJ_driver IC
Ther mal
Warning
Nor mal
Operation
HIGH
LOW
135°C Reset
Temperature
THWN#
Logic
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com