Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDMF6840C Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza FDMF6840C
Descripción Electrónicos  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6840C Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDMF6840C Datasheet HTML 5Page - ON Semiconductor FDMF6840C Datasheet HTML 6Page - ON Semiconductor FDMF6840C Datasheet HTML 7Page - ON Semiconductor FDMF6840C Datasheet HTML 8Page - ON Semiconductor FDMF6840C Datasheet HTML 9Page - ON Semiconductor FDMF6840C Datasheet HTML 10Page - ON Semiconductor FDMF6840C Datasheet HTML 11Page - ON Semiconductor FDMF6840C Datasheet HTML 12Page - ON Semiconductor FDMF6840C Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.onsemi.com
9
Typical Performance Characteristics
Test Conditions: VIN=12 V, VOUT=1 V, VCIN=5 V, VDRV=5 V, LOUT=250 nH, TA=25°C, and natural convection cooling,
unless otherw ise specified.
Figure 12.
Pow er Loss vs. Output Inductor
Figure 13.
Driver Supply Current vs. Sw itching
Frequency
Figure 14.
Driver Supply Current vs. Driver Supply
Voltage
Figure 15. Driver Supply Current vs. Output
Current
Figure 16.
UVLO Threshold vs. Tem perature
Figure 17.
PWM Threshold vs. Driver Supply Voltage
0.96
0.97
0.98
0.99
1.00
1.01
200
250
300
350
400
450
500
Output Inductor, LOUT (nH)
VIN = 12V, VDRV & VCIN = 5V, FSW = 300kHz, VOUT = 1V, IOUT = 30A
5
10
15
20
25
30
35
40
45
100
200
300
400
500
600
700
800
900
1000 1100
Module Switching Frequency, FSW (kHz)
VIN = 12V, VDRV & VCIN = 5V, VOUT = 1V, IOUT = 0A
10
11
12
13
14
15
16
17
4.0
4.5
5.0
5.5
6.0
Driver Supply Voltage, VDRV & VCIN (V)
VIN = 12V, VOUT = 1V, FSW = 300kHz, IOUT = 0A
0.98
0.99
1.00
1.01
1.02
1.03
1.04
0
5
10
15
20
25
30
35
40
45
Module Output Current, IOUT (A)
VIN = 12V, VDRV & VCIN = 5V, VOUT = 1V
FSW = 300kHz
FSW = 1000kHz
2.6
2.7
2.8
2.9
3.0
3.1
3.2
-55
0
25
55
100
125
150
Driver IC Junction Temperature, TJ (oC)
UVLOUP
UVLODN
0.5
1.0
1.5
2.0
2.5
3.0
4.50
4.75
5.00
5.25
5.50
Driver IC Supply Voltage, VCIN (V)
VTRI_HI
VIH_PWM
TA = 25°C
VTRI_LO
VIL_PWM
VHIZ_PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com