Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDMF6840C Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza FDMF6840C
Descripción Electrónicos  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6840C Datasheet(HTML) 1 Page - ON Semiconductor

  FDMF6840C Datasheet HTML 1Page - ON Semiconductor FDMF6840C Datasheet HTML 2Page - ON Semiconductor FDMF6840C Datasheet HTML 3Page - ON Semiconductor FDMF6840C Datasheet HTML 4Page - ON Semiconductor FDMF6840C Datasheet HTML 5Page - ON Semiconductor FDMF6840C Datasheet HTML 6Page - ON Semiconductor FDMF6840C Datasheet HTML 7Page - ON Semiconductor FDMF6840C Datasheet HTML 8Page - ON Semiconductor FDMF6840C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© 2015 Semiconductor Components Industries, LLC
Publication Order Number:
November-2017, Rev 2
FDMF6840C/D
FDMF6840C — Extra-Small, High-Performance,
High-Frequency DrMOS Module
Benefits
Ultra-Compact 6x6 mm PQFN, 72% Space-Saving
Compared to Conventional Discrete Solutions
Fully Optimized System Efficiency
Clean Sw itching Waveforms w ith Minimal Ringing
High-Current Handling
Features
Over 93% Peak-Efficiency
High-Current Handling: 50 A
High-Performance PQFN Copper-Clip Package
3-State 3.3 V PWM Input Driver
Skip-Mode SMOD# (Low -Side Gate Turn Off) Input
Thermal Warning Flag for Over-Temperature
Condition
Driver Output Disable Function (DISB# Pin)
Internal Pull-Up and Pull-Dow n for SMOD# and
DISB# Inputs, Respectively
ON Semiconductor Pow erTrench® Technology
MOSFETs for Clean Voltage Waveforms and
Reduced Ringing
ON Semiconductor SyncFET™ (Integrated
Schottky Diode) Technology in Low -Side MOSFET
Integrated Bootstrap Schottky Diode
Adaptive Gate Drive Timing for Shoot-Through
Protection
Under-Voltage Lockout (UVLO)
Optimized for Switching Frequencies up to 1 MHz
Low -Profile SMD Package
ON Semiconductor Green Packaging and RoHS
Compliance
Based on the Intel® 4.0 DrMOS Standard
Description
The XS™ Dr MOS family is ON Semiconductor ’s next-
generation, fully optimized, ultra-compact, integrated
MOSFET plus driver pow er stage solution for high-
current, high-frequency, synchronous
buc k
DC- DC
applications. The FDMF6840C integrates a driver IC,
tw o pow er MOSFETs, and a bootstrap Schottky diode
into a
ther mally
enhanced, ultra-compact
6x6 mm
package.
With an integrated approach, the complete sw itching
pow er stage is optimized w ith regard to dr iver and
MOSFET dynamic performance, system inductance,
and pow er MOSFET RDS(ON). XS™ Dr MOS uses ON
Semiconductor's
high-perfor mance
Pow erTrench
®
MOSFET technology, w hich dramatically reduces sw itch
ringing, eliminating the need for snubber circuit in most
buck converter applications.
A driver IC w ith reduced dead times and propagation
delays further enhances the performance. A thermal
w arning function w arns of a potential over-temperature
situation. The FDMF6840C also incorporates a Skip
Mode ( SMOD#) for improved light- load efficiency. The
FDMF6840C also provides a 3-state 3.3 V PWM input
for compatibility w ith a w ide range of PWM controllers.
Applications
High-Performance Gaming Motherboards
Compact Blade Servers, V-Core and Non-V-Core
DC-DC Converters
Desktop Computers, V-Core and Non-V-Core
DC-DC Converters
Workstations
High-Current DC-DC Point-of-Load Converters
Netw orking and Telecom Microprocessor Voltage
Regulators
Small Form-Factor Voltage Regulator Modules
Ordering Information
Part Number Current Rating
Package
Top Mark
FDMF6840C
50 A
40-Lead, Clipbond PQFN DrMOS, 6.0 mm x 6.0 mm Package
FDMF6840C


Número de pieza similar - FDMF6840C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDMF6820A FAIRCHILD-FDMF6820A Datasheet
3Mb / 12P
New Products, Tips and Tools for Power and Mobile Applications
logo
ON Semiconductor
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
logo
Fairchild Semiconductor
FDMF6820B FAIRCHILD-FDMF6820B Datasheet
3Mb / 12P
New Products, Tips and Tools for Power and Mobile Applications
logo
ON Semiconductor
FDMF6820B ONSEMI-FDMF6820B Datasheet
907Kb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
logo
Fairchild Semiconductor
FDMF6820C FAIRCHILD-FDMF6820C Datasheet
3Mb / 12P
New Products, Tips and Tools for Power and Mobile Applications
More results

Descripción similar - FDMF6840C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDMF6706C FAIRCHILD-FDMF6706C Datasheet
1Mb / 18P
Extra-Small, High-Performance, High- Frequency DrMOS Module
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
Extra-Small, High-Performance, High-Frequency DrMOS Module
FDMF6821C FAIRCHILD-FDMF6821C Datasheet
1Mb / 19P
Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
FDMF6705 ONSEMI-FDMF6705 Datasheet
1Mb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.4
FDMF6705V ONSEMI-FDMF6705V Datasheet
962Kb / 19P
Extra-Small, High-Performance, High-Frequency DrMOS Module
March 2012 Rev. 1.0 2
FDMF6824B ONSEMI-FDMF6824B Datasheet
706Kb / 19P
Extra-Small, High-Performance, High-Frequency DrMOS Module
November-2017, Rev. 2
FDMF6824C ONSEMI-FDMF6824C Datasheet
1Mb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.1
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
FDMF6823C ONSEMI-FDMF6823C Datasheet
931Kb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com