Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7201 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza UCD7201
Descripción Electrónicos  UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD7201_15 Datasheet HTML 4Page - Texas Instruments UCD7201_15 Datasheet HTML 5Page - Texas Instruments UCD7201_15 Datasheet HTML 6Page - Texas Instruments UCD7201_15 Datasheet HTML 7Page - Texas Instruments UCD7201_15 Datasheet HTML 8Page - Texas Instruments UCD7201_15 Datasheet HTML 9Page - Texas Instruments UCD7201_15 Datasheet HTML 10Page - Texas Instruments UCD7201_15 Datasheet HTML 11Page - Texas Instruments UCD7201_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
5
15
25
35
45
55
65
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
5
10
15
20
25
30
35
40
45
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
−50
50
125
−25
0
25
75
100
0.0
0.5
1.0
1.5
2.0
2.5
TJ − Temperature − °C
Input Rising
Input Falling
−50
50
125
−25
0
25
75
100
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
TJ − Temperature − °C
tR = Rise Time
tF = Fall Time
CLOAD = 2.2 nF
0
50
100
150
200
250
300
350
400
0
500
1000
1500
f − Frequency − kHz
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
0
50
100
150
200
250
300
350
400
450
500
0
500
1000
1500
f − Frequency − kHz
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
UCD7201
SLUS645F – FEBRUARY 2005 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 9. Supply Current vs Frequency (VDD = 15 V)
Figure 8. Supply Current vs Frequency (VDD = 12V)
Figure 11. Output Rise Time and Fall Time vs Temperature
Figure 10. Input Thresholds vs Temperature
(VDD = 12 V)
Figure 12. Rise Time vs Supply Voltage
Figure 13. Fall Time vs Supply Voltage
8
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: UCD7201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com