Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7201 Datasheet(PDF) 18 Page - Texas Instruments

No. de pieza UCD7201
Descripción Electrónicos  UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201 Datasheet(HTML) 18 Page - Texas Instruments

Back Button UCD7201_15 Datasheet HTML 14Page - Texas Instruments UCD7201_15 Datasheet HTML 15Page - Texas Instruments UCD7201_15 Datasheet HTML 16Page - Texas Instruments UCD7201_15 Datasheet HTML 17Page - Texas Instruments UCD7201_15 Datasheet HTML 18Page - Texas Instruments UCD7201_15 Datasheet HTML 19Page - Texas Instruments UCD7201_15 Datasheet HTML 20Page - Texas Instruments UCD7201_15 Datasheet HTML 21Page - Texas Instruments UCD7201_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
UCD7201
SLUS645F – FEBRUARY 2005 – REVISED DECEMBER 2014
www.ti.com
11 Layout
11.1 Layout Guidelines
In a power driver operating at high frequency, it is critical to minimize stray inductance to minimize
overshoot/undershoots and ringing. The low output impedance of these drivers produces waveforms with high
di/dt. This tends to induce ringing in the parasitic inductances. It is advantageous to connect the driver device
close to the MOSFETs. It is recommended that the PGND and the AGND pins be connected to the PowerPad™
of the package with a thin trace. It is critical to ensure that the voltage potential between these two pins does not
exceed 0.3 V. The use of schottky diodes on the outputs to PGND and PVDD is recommended when driving gate
transformers.
11.2 Layout Example
Figure 28. UCD7100 Layout Example
11.3 Thermal Considerations
The useful range of a driver is greatly affected by the drive power requirements of the load and the thermal
characteristics of the device package. In order for a power driver to be useful over a particular temperature range
the package must allow for the efficient removal of the heat produced while keeping the junction temperature
within rated limits. The UCD7K family of drivers is available in PowerPAD™ TSSOP and QFN/DFN packages to
cover a range of application requirements. Both have an exposed pad to enhance thermal conductivity from the
semiconductor junction.
As illustrated in Reference [2], the PowerPAD™ packages offer a leadframe die pad that is exposed at the base
of the package. This pad is soldered to the copper on the PC board (PCB) directly underneath the device
package, reducing the TJC down to 2.07°C/W. The PC board must be designed with thermal lands and thermal
vias to complete the heat removal subsystem, as summarized in Reference [3].
Note that the PowerPAD™ is not directly connected to any leads of the package. However, it is electrically and
thermally connected to the substrate which is the ground of the device. The PowerPad™ should be connected to
the quiet ground of the circuit.
18
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: UCD7201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com