Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7201 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza UCD7201
Descripción Electrónicos  UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD7201_15 Datasheet HTML 2Page - Texas Instruments UCD7201_15 Datasheet HTML 3Page - Texas Instruments UCD7201_15 Datasheet HTML 4Page - Texas Instruments UCD7201_15 Datasheet HTML 5Page - Texas Instruments UCD7201_15 Datasheet HTML 6Page - Texas Instruments UCD7201_15 Datasheet HTML 7Page - Texas Instruments UCD7201_15 Datasheet HTML 8Page - Texas Instruments UCD7201_15 Datasheet HTML 9Page - Texas Instruments UCD7201_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
VIT−
10%
90%
INPUT
OUTPUT
VIT+
tD1
tF
tF
tD2
UCD7201
SLUS645F – FEBRUARY 2005 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
VDD = 12 V, 4.7-μF capacitor from VDD to GND, 0.22μF from 3V3 to AGND, TA = TJ = -40°C to 105°C, (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from IN to OUT1, tD1
CLOAD = 2.2 nF, VDD = 12 V, CLK rising
20
35
ns
Propagation delay from IN to OUT2, tD2
CLOAD = 2.2 nF, VDD = 12 V, CLK falling
20
35
Figure 1. Timing Diagram
6
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: UCD7201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com