Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7201 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza UCD7201
Descripción Electrónicos  UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201 Datasheet(HTML) 4 Page - Texas Instruments

  UCD7201_15 Datasheet HTML 1Page - Texas Instruments UCD7201_15 Datasheet HTML 2Page - Texas Instruments UCD7201_15 Datasheet HTML 3Page - Texas Instruments UCD7201_15 Datasheet HTML 4Page - Texas Instruments UCD7201_15 Datasheet HTML 5Page - Texas Instruments UCD7201_15 Datasheet HTML 6Page - Texas Instruments UCD7201_15 Datasheet HTML 7Page - Texas Instruments UCD7201_15 Datasheet HTML 8Page - Texas Instruments UCD7201_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
UCD7201
SLUS645F – FEBRUARY 2005 – REVISED DECEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VDD
Supply Voltage
16
V
Quiescent
20
IDD
Supply Current
mA
Switching, TA = 25°C, , TJ = 125°C, VDD = 12 V
200
Output Gate Drive
VOUT
OUT
–1
PVDD
V
Voltage
IOUT(sink
4.0
)
Output Gate Drive
OUT
A
Current
IOUT(sour
–4.0
ce)
ISET, CS
–0.3
3.6
Analog Input
ILIM
–0.3
3.6
V
Digital I/O’s
IN, CLF
–0.3
3.6
Power Dissipation
TA = 25°C (PWP-14 package), TJ = 125°C
2.67
W
Junction Operating
TJ
UCD7201
–55
150
°C
Temperature
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
500
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Supply Voltage, VDD
4.25
12
14.5
V
Supply bypass capacitance
1
μF
Reference bypass capacitance
0.22
Operating junction temperature
–40
105
°C
7.4 Thermal Information
UCD7201
THERMAL METRIC(1)
PWP
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
50.7
RθJC(top)
Junction-to-case (top) thermal resistance
31.8
RθJB
Junction-to-board thermal resistance
27.8
°C/W
ψJT
Junction-to-top characterization parameter
1.2
ψJB
Junction-to-board characterization parameter
27.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: UCD7201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com