Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7201 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza UCD7201
Descripción Electrónicos  UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD7201_15 Datasheet HTML 3Page - Texas Instruments UCD7201_15 Datasheet HTML 4Page - Texas Instruments UCD7201_15 Datasheet HTML 5Page - Texas Instruments UCD7201_15 Datasheet HTML 6Page - Texas Instruments UCD7201_15 Datasheet HTML 7Page - Texas Instruments UCD7201_15 Datasheet HTML 8Page - Texas Instruments UCD7201_15 Datasheet HTML 9Page - Texas Instruments UCD7201_15 Datasheet HTML 10Page - Texas Instruments UCD7201_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
0
40
80
120
160
200
240
280
0
500
1000
1500
f − Frequency − kHz
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
0
40
80
120
160
200
240
280
320
0
500
1000
1500
f − Frequency − kHz
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
0
1000
1500
500
0
20
40
60
80
100
120
140
160
f − Frequency − kHz
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
−50
50
125
−25
0
25
75
100
20.0
20.5
21.0
21.5
22.0
22.5
23.0
t − Temperature −
°C
VDD = 4.75 V
VDD = 12 V
−50
50
5.0
4.5
2.5
2.0
1.5
0.5
0.0
−25
0
25
75
100
4.0
1.0
3.5
3.0
UVLO on
UVLO off
UVLO hysteresis
t − Temperature −
°C
125
−50
50
125
−25
0
25
75
100
3.24
3.26
3.28
3.30
3.32
3.34
3.36
t − Temperature −
°C
UCD7201
www.ti.com
SLUS645F – FEBRUARY 2005 – REVISED DECEMBER 2014
7.6 Typical Characteristics
Figure 3. 3V3 Reference Voltage vs Temperature
Figure 2. UVLO Thresholds vs Temperature
Figure 4. 3V3 Short Circuit Current vs Temperature
Figure 5. Supply Current vs Frequency (VDD = 5 V)
Figure 7. Supply Current vs Frequency (VDD = 10 V)
Figure 6. Supply Current vs Frequency (VDD = 8 V)
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCD7201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com