Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

J85480S1 Datasheet(PDF) 1 Page - Lineage Power Corporation

No. de pieza J85480S1
Descripción Electrónicos  Compact Power Line Shelves
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

J85480S1 Datasheet(HTML) 1 Page - Lineage Power Corporation

  J85480S1 Datasheet HTML 1Page - Lineage Power Corporation J85480S1 Datasheet HTML 2Page - Lineage Power Corporation J85480S1 Datasheet HTML 3Page - Lineage Power Corporation J85480S1 Datasheet HTML 4Page - Lineage Power Corporation J85480S1 Datasheet HTML 5Page - Lineage Power Corporation J85480S1 Datasheet HTML 6Page - Lineage Power Corporation J85480S1 Datasheet HTML 7Page - Lineage Power Corporation J85480S1 Datasheet HTML 8Page - Lineage Power Corporation J85480S1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet
March 2010
Compact Power Line Shelves
Model: J85480S1, L1 – L14
The 1U (1.75”) high CPL family of shelves mount in 19-inch wide frames and provide up to 11kW of 48V
output power per shelf. There are three or four slots for rectifiers, converters (PEMs). L1 accepts the CP843A
full featured Pulsar controller for applications requiring plant control.
 Only 16.81” wide fits inside equipment that is designed
into a 19” rack
 Two DC Outputs may be common or split. Each output
bus is rated for 100A with two-hole lug landings for 2 AWG
wire.
 Either IEC-320 or AMP Mate_N_Lok AC inputs
 Analog, RS485 or dual/redundant I
2C communications.
 Adjustable mounting ears for flush or set back positions.
 Stackable up to 8 high with 32 paralleled power supplies.
 Optional CP843A controller w/display & interactive panel
Rectifier Shelves (AC Input, DC Output)
List
Max
Power
# AC
Inputs
AC Input Plug
DC
Output
Bus
Max
Rectifier
Size
Communications Features
Ordering
Codes
Shelf
Controller
Protocol
1
8kW
4
IEC-320, C13
Common
CP2000
CP843A
Analog, I
2C RS485
CC109143723
4
8kW
IEC-320, C13
Common
No
108994538
6
8kW
AMP Mate_N_Lok
Common
CC109104378
7
11kW
AMP Mate_N_Lok
Split
CP2725
Analog. I
2C
CC109121902
9
8kW
IEC-320, C13
Split
CP2000
Analog. I
2C
CC109137072
PEM Shelves (DC Input, DC Output)
List
Capacity
# DC
Inputs
DC Input Plug
DC
Output
Bus
Max
PEM
Size
Communications Features
Ordering
Codes
Controller
Protocol
14
8kW
2
AMP Power-Blade
Split
CP2000
No
Analog, I
2C
CC109124764
Notes:
List 1 shelf allows side access to CP843A Pulsar Controller Outputs.
L7, L9: Split Bus Shelves cannot be paralleled. L1, L4, L6: Up to eight shelves may be paralleled.
Consult the factory for product availability


Número de pieza similar - J85480S1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CIT Relay & Switch
J850 CIT-J850 Datasheet
119Kb / 2P
Monostable
J8502CS12VDC CIT-J8502CS12VDC Datasheet
183Kb / 2P
CIT SWITCH
J8502CS12VDC CIT-J8502CS12VDC Datasheet
119Kb / 2P
Monostable
J8502CS24VDC CIT-J8502CS24VDC Datasheet
183Kb / 2P
CIT SWITCH
J8502CS24VDC CIT-J8502CS24VDC Datasheet
119Kb / 2P
Monostable
More results

Descripción similar - J85480S1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
Rack Mountable Power Shelves
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
Rack Mountable Power Shelves
logo
Lineage Power Corporati...
CP2725AC54Z LINEAGEPOWER-CP2725AC54Z Datasheet
278Kb / 8P
Compact Power Line Front-End Power Supply
logo
Power-One
FNP1500 POWER-ONE-FNP1500_10 Datasheet
505Kb / 17P
Front-Ends & FNR-3 Power Shelves Data Sheet
logo
Tyco Electronics
3ERK1 MACOM-3ERK1 Datasheet
205Kb / 3P
High Performance Compact Power Line Filter
logo
Kendall Howard
1906-1-001-01 KENDALLHOWARD-1906-1-001-01 Datasheet
1Mb / 2P
HEAVY DUTY COMPONENT SHELVES
1907-3-001-03 KENDALLHOWARD-1907-3-001-03 Datasheet
508Kb / 1P
CENTERLINE SHELVES
3000-1-003-02 KENDALLHOWARD-3000-1-003-02 Datasheet
927Kb / 2P
LIGHT DUTY COMPONENT SHELVES
LDRS1U12V KENDALLHOWARD-LDRS1U12V Datasheet
224Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS1U6V KENDALLHOWARD-LDRS1U6V Datasheet
156Kb / 2P
LIGHT DUTY RACK SHELVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com