Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

J85480S1 Datasheet(PDF) 5 Page - Lineage Power Corporation

No. de pieza J85480S1
Descripción Electrónicos  Compact Power Line Shelves
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

J85480S1 Datasheet(HTML) 5 Page - Lineage Power Corporation

  J85480S1 Datasheet HTML 1Page - Lineage Power Corporation J85480S1 Datasheet HTML 2Page - Lineage Power Corporation J85480S1 Datasheet HTML 3Page - Lineage Power Corporation J85480S1 Datasheet HTML 4Page - Lineage Power Corporation J85480S1 Datasheet HTML 5Page - Lineage Power Corporation J85480S1 Datasheet HTML 6Page - Lineage Power Corporation J85480S1 Datasheet HTML 7Page - Lineage Power Corporation J85480S1 Datasheet HTML 8Page - Lineage Power Corporation J85480S1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
COMPACT POWER LINE SHELVES – MODEL J85480S1
Communication Signals: J1 Connector
Pin out
Control Interface Connection (J1 - AMP 499913-9)
Pin
Signal
Pin
Signal
1
POWER_CAP_4
21
Enable side A
2
POWER_CAP_3
22
5VA
3
POWER_CAP_2
23
Logic_GRD
4
POWER_CAP_1
24
Interrupt_1
5
MOD_PRES_4
25
Reset
6
MOD_PRES_3
26
Enable Side B
7
MOD_PRES_2
27
Spacing
8
MOD_PRES_1
28
Spacing
9
PFW_4
29
RS_485_Select
10
PFW_3
30
Shelf_Addr_A
11
PFW_2
31
Shelf_Addr_B
12
PFW_1
32
Shelf_Addr_C
13
SCL_0
33
Shelf_Addr_D
14
SCL_1
34
Shelf_Addr_E
15
SDA_0
35
Shelf_Addr_F
16
SDA_1
36
Shelf_Addr_G
17
OTW
37
Protocol_S
18
Margin
38
RS-485+
19
Fault
39
RS_485-
20
Interrupt_0
40
Ishare
Communication Signals: J2 Connector ( cannot be used in split shelves L7, L9, L14)
Pin out
Multi-shelf Connection (J2 – AMP 499913-8)
Pin
Signal
Pin
Signal
1
PFW_4
18
Enable Side B
2
PFW_3
19
Spacing
3
PFW_2
20
Spacing
4
PFW_1
21
RS_485_Select
5
SCL_0
22
Shelf_Addr_B
6
SCL_1
23
Shelf_Addr_C
7
SDA_0
24
Shelf_Addr_D
8
SDA_1
25
Shelf_Addr_E
9
OTW
26
Shelf_Addr_F
10
Margin
27
Shelf_Addr_G
11
Fault
28
Shelf_Addr_H
12
Interrupt_0
29
Protocol_S
13
Enable side A
30
RS-485+
14
5VA
31
RS_485-
15
Logic_GRD
32
Ishare
16
Interrupt_1
33
Spare
17
Reset
34
Spare
Note: Shelf addressing, current share and RS485 communications are all referenced to the most negative
power output Vout(-) of the shelf. For paralleled shelves the Vout(-) terminations must be tied together in order
to ensure proper operation of these functions. Modules could get damaged if this connection is not made. .



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com