Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

J85480S1 Datasheet(PDF) 4 Page - Lineage Power Corporation

No. de pieza J85480S1
Descripción Electrónicos  Compact Power Line Shelves
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

J85480S1 Datasheet(HTML) 4 Page - Lineage Power Corporation

  J85480S1 Datasheet HTML 1Page - Lineage Power Corporation J85480S1 Datasheet HTML 2Page - Lineage Power Corporation J85480S1 Datasheet HTML 3Page - Lineage Power Corporation J85480S1 Datasheet HTML 4Page - Lineage Power Corporation J85480S1 Datasheet HTML 5Page - Lineage Power Corporation J85480S1 Datasheet HTML 6Page - Lineage Power Corporation J85480S1 Datasheet HTML 7Page - Lineage Power Corporation J85480S1 Datasheet HTML 8Page - Lineage Power Corporation J85480S1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
COMPACT POWER LINE SHELVES – MODEL J85480S1
Rectifier
or
PEM
Feeder-A
Feeder-B
AC or DC Input
Feeds
Bus A
Output
Bus B
Output
Two DC Output
Busses
DC Output Connections
Each Output Bus is rated for
100A and up to 2 gage two-
hole lugs.
M6 nuts with conical washers
provided.
Touch-Safe plastic covers
around output buses.
Torque to 50 in-lb
(5.7 nm)
Torque to 50 in-lb
(5.7 nm)
DC Split Output Bus Option
Split Vout ( - ) buses on either
side of the shelf. Vout ( + ) is
common to both sections.
+5V bias maintains I
2C
communications even during
a feeder fault.
Multiple shelves may not be
paralleled together.
Controllerless Operation
Lists 4 and 6 ship with a jumper
installed on connector J1 pins 21 and
23. This allows the shelf to be powered
without a controller. Remove this
jumper if controller cable installed.
CP843A controller ships with a
connector that plugs into J1 on a List 1
shelf activating the controller.
Lists 7, 9 and 14 require cc848836107
connector be installed in J1 to allow the
shelf to power up without a controller.
L7, L9, L14 P1 Mating connector (pin out is standard 40 position like L4)
Type
Housing
Mating pin
Crimping tool
Individual wire set
AMP 102387-9 RoHS
20-24 awg: 6-87523-9
91517-1
22-26 awg: 6-87756-8
91517-1
40 position Ribbon cable
AMP 1658621-9 e/w 499252-1 (strain relief) RoHS
This connector set is different because it can accept either a ribbon cable or an individual wire mate.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com