Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

J85480S1 Datasheet(PDF) 3 Page - Lineage Power Corporation

No. de pieza J85480S1
Descripción Electrónicos  Compact Power Line Shelves
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

J85480S1 Datasheet(HTML) 3 Page - Lineage Power Corporation

  J85480S1 Datasheet HTML 1Page - Lineage Power Corporation J85480S1 Datasheet HTML 2Page - Lineage Power Corporation J85480S1 Datasheet HTML 3Page - Lineage Power Corporation J85480S1 Datasheet HTML 4Page - Lineage Power Corporation J85480S1 Datasheet HTML 5Page - Lineage Power Corporation J85480S1 Datasheet HTML 6Page - Lineage Power Corporation J85480S1 Datasheet HTML 7Page - Lineage Power Corporation J85480S1 Datasheet HTML 8Page - Lineage Power Corporation J85480S1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
COMPACT POWER LINE SHELVES – MODEL J85480S1
AC Input Connections
Tie_rap secured AC cables for IEC-320 inputs
AMP Mate-N-Lok input connections
AMP Mate_N_Lok connector piece parts
AMP Mate-N-Lok input connector housing P/N 770018-1
Pin located in housing
DC Input Connection – L14 shelf
Lineage orderable part #: CC848794908
Includes 4 feet of un-terminated #10ga stranded wires on
one end and the AMP multi-beam connector on the other
end.
Housing: AMP 1600798-6 multi-beam XL
Contacts: AMP 1-1600960-8
Wire: 10 ga stranded – 30A rated capacity
Pins
Color
Signal
Unit
1 – 2
Black
-48V
1
3 – 4
Red
RTN
5 – 6
Black
-48V
2
7 – 8
Red
RTN
Plug rear
P/N 770034-1
Gauge
Part #
10
AMP 193796-1
12 – 14
AMP 193841-1
Plug Front
P/N 770033-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com