Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

J85480S1 Datasheet(PDF) 8 Page - Lineage Power Corporation

No. de pieza J85480S1
Descripción Electrónicos  Compact Power Line Shelves
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

J85480S1 Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button J85480S1 Datasheet HTML 2Page - Lineage Power Corporation J85480S1 Datasheet HTML 3Page - Lineage Power Corporation J85480S1 Datasheet HTML 4Page - Lineage Power Corporation J85480S1 Datasheet HTML 5Page - Lineage Power Corporation J85480S1 Datasheet HTML 6Page - Lineage Power Corporation J85480S1 Datasheet HTML 7Page - Lineage Power Corporation J85480S1 Datasheet HTML 8Page - Lineage Power Corporation J85480S1 Datasheet HTML 9Page - Lineage Power Corporation J85480S1 Datasheet HTML 10Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
COMPACT POWER LINE SHELVES – MODEL J85480S1
Safety
Safety Symbols and Guidelines
Read and understand all instructions before attempting any installation of this product. When installing, operating,
or maintaining the J85480S1 Power System, basic safety precautions should always be followed to reduce the risk
of fire, electric shock, and injury to persons. Such precautions include the following:
This symbol identifies the need to refer to the equipment instructions for important
information.
This symbol identifies the presence of hazardous AC or DC voltages or hazardous
energy levels. In the context of this product
The DC output cables contain electrical energy levels capable of causing
heating and arcing if shorted to metal objects. Make connections with the power
disconnected.
Hazardous AC voltage and DC electrical energy is contained within the
enclosure of the power shelf. No user or field serviceable parts inside.
This symbol is used to identify safety earth ground connection points within the
equipment.
Product Labeling
Follow all warnings and instructions marked on the product. Some of the safety symbols used with the CP1800
Rectifier and J85480S1 Shelf may include the following. They may also be accompanied by instructions:
Mounting and Installation
• This product shall be installed in compliance with mounting requirements for the ultimate application.
• This product must be installed, serviced, and operated only by skilled and qualified personnel who have the necessary
knowledge and practical experience with electrical equipment and who understand the hazards that can arise when working on
this type of equipment. This product is intended for use in a Restricted Access Location.
• This equipment is to be used in controlled environments (an area where the humidity is maintained at levels that cannot cause
condensation on the equipment, the contaminating dust is controlled, and the steady-state ambient temperature is within the range
specified).
• This equipment has been evaluated for use in a continuous ambient temperature of up to 55°C and the application environment
should not exceed 55°C.
• The CE mark if provided on the product is applied to show conformance to the requirements outlined in the European Union’s
Low Voltage Directive {72/73/EEC} and EMC Directive {89/336/EEC}, as amended by the CE Mark Directive {93/ 68/EEC}.
• The J85480S1 shelf, when used with the CP1800 rectifiers, has been evaluated for hot swapping.
• A separate protective Earthing terminal is provided at the reach of the shelf
the building installation shall provide a means for connection to protective earth; and
the equipment is to be connected to that means; and
a SERVICE PERSON shall check whether or not the socket-outlet from which the equipment is to be powered provides a
connection to the building protective earth. If not, the SERVICE PERSON shall arrange for the installation of a PROTECTIVE
EARTHING CONDUCTOR from the separate protective Earthing terminal to the protective earth wire in the building.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com