Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

J85480S1 Datasheet(PDF) 6 Page - Lineage Power Corporation

No. de pieza J85480S1
Descripción Electrónicos  Compact Power Line Shelves
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

J85480S1 Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button J85480S1 Datasheet HTML 2Page - Lineage Power Corporation J85480S1 Datasheet HTML 3Page - Lineage Power Corporation J85480S1 Datasheet HTML 4Page - Lineage Power Corporation J85480S1 Datasheet HTML 5Page - Lineage Power Corporation J85480S1 Datasheet HTML 6Page - Lineage Power Corporation J85480S1 Datasheet HTML 7Page - Lineage Power Corporation J85480S1 Datasheet HTML 8Page - Lineage Power Corporation J85480S1 Datasheet HTML 9Page - Lineage Power Corporation J85480S1 Datasheet HTML 10Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
COMPACT POWER LINE SHELVES – MODEL J85480S1
CP843A installs in slot 1 of a J85480S1 List 1 shelf.
Connections to the controller are made on the left side as
shown.
CP843A controller comes with wire set that plugs into J1
connector to enable the controller.
Specifications
Parameter
Min
Max
Notes
Input
AC Input Current, per module
15A
30A
IEC-320, C13 type
AMP Mate-N-Lok connectors
DC Input Current, per module
60A
Output
Programmable output set point
42Vdc
58Vdc
Minimum 44Vdc via hardware marginning
Max Output Current
J85480S1
200A
lugs for 2 ga wires, 2 pairs, 100Amax
Output Terminations
M6 threaded studs on 5/8-inch centers.
Environmental
Operating Temperature Range
-40°C to 55°C, except J85480 L6, L7, L14 may be used up to 75°C
Operating Relative Humidity
0 - 95% (non-condensing)
Storage Temperature Range
-40°C to 85°C
EMC
FCC, EN 55022, CISPR22, Level A, conducted and radiated
Immunity
FCC and CISPR22 (EN55022) Class A2
Safety/Standards Compliance
Safety Standards
UL1950, EN60950 (IEC950), CSA*234/950
Certification Marks
Lists 6,7,14: VDE,
UL Recognized (Canada and U.S.)
Lists 1,4,6,9: VDE,
UL Listed (Canada and U.S.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com