Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

J85480S1 Datasheet(PDF) 9 Page - Lineage Power Corporation

No. de pieza J85480S1
Descripción Electrónicos  Compact Power Line Shelves
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

J85480S1 Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button J85480S1 Datasheet HTML 2Page - Lineage Power Corporation J85480S1 Datasheet HTML 3Page - Lineage Power Corporation J85480S1 Datasheet HTML 4Page - Lineage Power Corporation J85480S1 Datasheet HTML 5Page - Lineage Power Corporation J85480S1 Datasheet HTML 6Page - Lineage Power Corporation J85480S1 Datasheet HTML 7Page - Lineage Power Corporation J85480S1 Datasheet HTML 8Page - Lineage Power Corporation J85480S1 Datasheet HTML 9Page - Lineage Power Corporation J85480S1 Datasheet HTML 10Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
COMPACT POWER LINE SHELVES – MODEL J85480S1
Output Connections
• All field wiring should comply with the U.S. National Electrical Code (NEC) and/or applicable local codes/standards.
• Routing of the DC output cables should guarantee that cables are not in contact with sources of heat and surfaces that may
damage the cable insulation.
• The DC output is not provided with a fuse or circuit breaker suitable for branch circuit protection. Therefore, the power shelf
should be mounted in the same rack or cabinet as the equipment being powered. Use interconnecting power cables suitable for
the application and sized to carry the rated output current. The interconnecting cables should be capable of carrying the overload
current and short circuit current without damage or risk of fire.
• The output for the system is SELV and has available power greater than 240VA.
• Insulation on output field-wired conductors should be rated no less than 90°C. Wiring internal to enclosed equipment cabinets
should be rated at 105°C (minimum). The provided DC output cords (red and black wires) are rated for 105°C.
• Before opening the insulating cover to gain access to load and ground connections, ensure all power supplies are disconnected
from the AC MAINS.
AC Input Connections
• AC branch circuits to this equipment must be protected with fuses or circuit breakers sized as required by the U.S. National
Electric Code (NEC) and/or local codes. Up to four AC mains power cords are required to power the shelf (one for each rectifier).
Each power cord should be connected to a separate AC mains branch circuit with an overcurrent protector rated at no more than
20A.
• The power supply mains inlet may be used as the means to provide AC protective earthing.
• An accessible AC disconnect/protection device to remove AC power from the equipment in the event of an emergency must be
provided. An accessible socket-outlet/receptacle installed near the equipment is also acceptable as a disconnect.
• The equipment is powered by multiple AC inputs (one per rectifier). Disconnect all AC sources of power before servicing.
• These units are to be used with TN-S power systems only.
German Safety Guidelines
Installationsanleitung
• Alle Ausgänge des Gerätes erfüllen die Anforderungen für SELV nach IEC/EN60950-1.
• Die Ausgänge des Gerätes liegen über den Limits für Energiegefahr nach IEC/EN60950-1 (>240 VA). Das Gerät ist zum
Einbau in ein Montage-Rack bestimmt. Siehe Einbaubestimmungen in der Montageanleitung, um eine Gefährdung des
Benutzers während der Installation zu vermeiden.
ACHTUNG:
Hoher Ableitstrom Vor Anschluss an den Versorgungsstromkreis unbedingt Erdungsverbindung herstellen
• Das Produkt ist zum Gebrauch in einer Umgebungstemperatur von max. 55°C bestimmt.
• Die Gerätestecker des Produktes sind dazu bestimmt, eine sichere Erdung des Gerätes herzustellen.
• Das Produkt ist zum Gebrauch in einer Umgebung mit Verschmutzungsgrad 2 nach IEC/EN60950 bestimmt.
• Die Netzteile des Gerätes können während des Betriebes einzeln ausgetauscht werden (Hot Swapping).
• Das Gerät wurde zusammen mit den Anschlussleitungen (ohne Anschlussstecker) geprüft. Die Installation eines Steckers des
jeweiligen Landes, sollte nur durch geschultes Service Personal durchgeführt werden.Als alternative könnte eine Vorinstallation
des Steckers bereits bei der Herstellung erfolgt sein.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com