Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 215 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 215 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 211Page - ATMEL Corporation ATmega16U2 Datasheet HTML 212Page - ATMEL Corporation ATmega16U2 Datasheet HTML 213Page - ATMEL Corporation ATmega16U2 Datasheet HTML 214Page - ATMEL Corporation ATmega16U2 Datasheet HTML 215Page - ATMEL Corporation ATmega16U2 Datasheet HTML 216Page - ATMEL Corporation ATmega16U2 Datasheet HTML 217Page - ATMEL Corporation ATmega16U2 Datasheet HTML 218Page - ATMEL Corporation ATmega16U2 Datasheet HTML 219Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 314 page
background image
215
7799B–AVR–07/09
ATmega8U2/16U2/32U2
• Bit 4 – STALLRQC: STALL Request Clear Handshake Bit
Writing this bit to one disables the pending STALL handshake mechanism triggered by
STALLRQ bit. This bit can not be write to zero, it is cleared by hardware immediately after the
write to one operation.
See “STALL request” on page 201 for more details.
• Bit 3 – RSTDT: Reset Data Toggle Bit
Writing this bit to one allows to reset the data toggle bit field for the selected endpoint. This bit
can not be write to zero, it is cleared by hardware immediately after the write to one operation.
• Bits 2:1 – Res: Reserved
These bits are reserved and will always read as zero.
• Bit 0 – EPEN: Endpoint Enable Bit
Writing this bit to one enables the selected endpoint. When the endpoint is enabled it can be
configured and used by the USB controller. Endpoint 0 shall always be enabled after a hardware
or USB reset and participate in the device configuration. Writing this bit to zero disables the cur-
rent endpoint.
See “Endpoint activation” on page 198 for more details.
21.18.11 UECFG0X – USB Endpoint Configuration 0 Register
• Bit 7:6 – EPTYPE[1:0]: Endpoint Type Bits
These bits configure the endpoint type for the selected endpoint as shown in Table 21-2.
• Bits 5:1 – Res: Reserved
These bits are reserved and will always read as zero.
• Bit 0 – EPDIR: Endpoint Direction Bit
Writing this bit to one configures the selected endpoint in the IN direction. Writing this bit to zero
configure the endpoint in the OUT direction. This bit is relevant for bulk, interrupt or isochronous
endpoints. Using this bit with a control endpoint has no effect (control endpoints are
bidirectional).
Bit
7
6
5
4
321
0
(0xEC)
EPTYPE1:0
-
-
-
-
-
EPDIR
UECFG0X
Read/Write
R/W
R/W
R
R
R
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 21-2.
EPTYPE[1:0] Bits Settings
EPTYPE1
EPTYPE0
Endpoint Type Configuration
00
Control Type
01
Bulk Type
10
Isochronous Type
11
Interrupt Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com