Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 211 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 211 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 207Page - ATMEL Corporation ATmega16U2 Datasheet HTML 208Page - ATMEL Corporation ATmega16U2 Datasheet HTML 209Page - ATMEL Corporation ATmega16U2 Datasheet HTML 210Page - ATMEL Corporation ATmega16U2 Datasheet HTML 211Page - ATMEL Corporation ATmega16U2 Datasheet HTML 212Page - ATMEL Corporation ATmega16U2 Datasheet HTML 213Page - ATMEL Corporation ATmega16U2 Datasheet HTML 214Page - ATMEL Corporation ATmega16U2 Datasheet HTML 215Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 314 page
background image
211
7799B–AVR–07/09
ATmega8U2/16U2/32U2
• Bit 4 – WAKEUPI: Wake-up CPU Interrupt Flag
This flag is set by hardware when the USB controller detects a non-idle signal from the USB
lines. This WAKEUPI flag can generate a “USB general interrupt” if WAKEUPE bit is set. Writing
this bit to zero acknowledges the interrupt source. Writing this bit to one has no effect.Shall be
cleared by software. Setting by software has no effect.
See “Suspend, Wake-up and Resume” on page 200 for more details.
• Bit 3 – EORSTI: End Of Reset Interrupt Flag
This flag is set by hardware when the USB controller detects an “End Of Reset” event on the
USB lines. has been detected by the USB controller. This EORSTI flag can generate a “USB
general interrupt” if EORSTE bit is set. Writing this bit to zero acknowledges the interrupt source
(USB clocks must be enabled before). Writing this bit to one has no effect.
Shall be cleared by software. Setting by software has no effect.
• Bit 2 – SOFI: Start Of Frame Interrupt Flag
This flag is set by hardware when the USB controller detects a Start Of Frame PID (SOF) on the
USB lines. This SOFI flag can generate a “USB general interrupt” if SOFE bit is set. Writing this
bit to zero acknowledges the interrupt source (USB clocks must be enabled before). Writing this
bit to one has no effect.
• Bit 1 – Res: Reserved
This bit is reserved and will always read as zero.
• Bit 0 – SUSPI: Suspend Interrupt Flag
This flag is set by hardware when the USB controller detects a suspend state on the bus (idle
state for more than 3ms). This SUSPI flag can generate a USB general interrupt if SUSPE bit is
set. Writing this bit to zero acknowledges the interrupt source (USB clocks must be enabled
before). Writing this bit to one has no effect.
See “Suspend, Wake-up and Resume” on page 200 for more details.
The interrupt flag bits are set even if their corresponding ‘Enable’ bits is not set.
21.18.3
UDIEN – USB Device Interrupt Enable Register
• Bit 7 – Res: Reserved
This bit is reserved and will always read as zero.
• Bit 6 – UPRSME: Upstream Resume Interrupt Enable Bit
Writing this bit to one enables interrupt on UPRSMI flag. An Upstream resume interrupt will be
generated only if the UPRSME bit is set to one, the Global Interrupt Flag in SREG is written to
one and the UPRSMI bit is set.
Bit
7
65
43
2
1
0
(0xE2)
-
UPRSME
EORSME
WAKEUPE
EORSTE
SOFE
-
SUSPE
UDIEN
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com