Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 77 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 73Page - ATMEL Corporation ATmega16U2 Datasheet HTML 74Page - ATMEL Corporation ATmega16U2 Datasheet HTML 75Page - ATMEL Corporation ATmega16U2 Datasheet HTML 76Page - ATMEL Corporation ATmega16U2 Datasheet HTML 77Page - ATMEL Corporation ATmega16U2 Datasheet HTML 78Page - ATMEL Corporation ATmega16U2 Datasheet HTML 79Page - ATMEL Corporation ATmega16U2 Datasheet HTML 80Page - ATMEL Corporation ATmega16U2 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 314 page
background image
77
7799B–AVR–07/09
ATmega8U2/16U2/32U2
12.3.2
Alternate Functions of Port C
The Port C alternate function is as follows:
The alternate pin configuration is as follows:
• ICP1/INT4/CLK0, Bit 7
ICP1, Input Capture pin 1 :The PC7 pin can act as an input capture for Timer/Counter1.
INT4, External Interrupt source 4 : The PC7 pin can serve as an external interrupt source to the
MCU.
CLK0, Clock Output : The PC7 pin can serve as oscillator clock ouput if the feature is enabled by
fuse.
• PCINT8/OC1A, Bit 6
PCINT8, Pin Change Interrupt source 8 : The PC6 pin can serve as an external interrupt source.
OC1A, Output Compare Match A output: The PC6 pin can serve as an external output for the
Timer/Counter1 Output Compare. The pin has to be configured as an output (DDC6 set “one”) to
serve this function. The OC1A pin is also the output pin for the PWM mode timer function.
• PCINT9/OC1B, Bit 5
PCINT9, Pin Change Interrupt source 9: The PC5 pin can serve as an external interrupt source.
OC1B, Output Compare Match B output: The PC5 pin can serve as an external output for the
Timer/Counter1 Output Compare. The pin has to be configured as an output (DDC5 set “one”) to
serve this function. The OC1B pin is also the output pin for the PWM mode timer function.
• PCINT10, Bit 4
PCINT10, Pin Change Interrupt source 10 : The PC4 pin can serve as an external interrupt
source.
• PCINT11, Bit 2
PCINT11, Pin Change Interrupt source 11 : The PC2 pin can serve as an external interrupt
source.
• Reset/dW, Bit 1
Table 12-6.
Port C Pins Alternate Functions
Port Pin
Alternate Function
PC7
ICP1/INT4/CLKO
PC6
PCINT8/OC1A
PC5
PCINT9/OC1B
PC4
PCINT10
--
PC2
PCINT11
PC1
Reset, dW
PC0
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com