Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 40 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 36Page - ATMEL Corporation ATmega16U2 Datasheet HTML 37Page - ATMEL Corporation ATmega16U2 Datasheet HTML 38Page - ATMEL Corporation ATmega16U2 Datasheet HTML 39Page - ATMEL Corporation ATmega16U2 Datasheet HTML 40Page - ATMEL Corporation ATmega16U2 Datasheet HTML 41Page - ATMEL Corporation ATmega16U2 Datasheet HTML 42Page - ATMEL Corporation ATmega16U2 Datasheet HTML 43Page - ATMEL Corporation ATmega16U2 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 314 page
background image
40
7799B–AVR–07/09
ATmega8U2/16U2/32U2
8.11.6
PLLCSR – PLL Control and Status Register
• Bit 7:5 – Res: Reserved Bits
These bits are reserved bits in the ATmega8U2/16U2/32U2 and always read as zero.
• Bit 4 – DIV5 PLL Input Prescaler (1:5)
• Bit 3 – DIV3 PLL Input Prescaler (1:3)
• Bit 2 – PINDIV PLL Input Prescaler (1:1, 1:2)
These bits allow to configure the PLL input prescaler to generate the 8MHz input clock for the
PLL from either a 8 or 16 MHz input.
When using a 8 MHz clock source, this bit must be set to 0 before enabling PLL (1:1).
When using a 16 MHz clock source, this bit must be set to 1 before enabling PLL (1:2).
• Bit 3:2 – Res: Reserved Bits
These bits are reserved and always read as zero.
Table 8-9.
Clock Prescaler Select
CLKPS3
CLKPS2
CLKPS1
CLKPS0
Clock Division Factor
00
00
1
00
01
2
00
10
4
00
11
8
01
00
16
01
01
32
01
10
64
0
1
1
1
128
1
0
0
0
256
10
01
Reserved
10
10
Reserved
10
11
Reserved
11
00
Reserved
11
01
Reserved
11
10
Reserved
11
11
Reserved
Bit
7
65
43
210
0x29 (0x49)
–
–
–
DIV5
DIV3
PINDIV
PLLE
PLOCK
PLLCSR
Read/Write
RR
R
R/W
RR
R/W
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com