Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 216 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 216 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 212Page - ATMEL Corporation ATmega16U2 Datasheet HTML 213Page - ATMEL Corporation ATmega16U2 Datasheet HTML 214Page - ATMEL Corporation ATmega16U2 Datasheet HTML 215Page - ATMEL Corporation ATmega16U2 Datasheet HTML 216Page - ATMEL Corporation ATmega16U2 Datasheet HTML 217Page - ATMEL Corporation ATmega16U2 Datasheet HTML 218Page - ATMEL Corporation ATmega16U2 Datasheet HTML 219Page - ATMEL Corporation ATmega16U2 Datasheet HTML 220Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 314 page
background image
216
7799B–AVR–07/09
ATmega8U2/16U2/32U2
21.18.12 UECFG1X – USB Endpoint Configuration 1 Register
• Bit 7 – Res: Reserved
This bit is reserved and will always read as zero.
• Bit 6:4 – EPSIZE[2:0]: Endpoint Size Bits
These bits configure the endpoint size for the selected endpoint as shown in Table 21-3.
• Bits 3:2 – EPBK[1:0]: Endpoint Bank Bits
These bits configure the number of banks that is allocated to the selected endpoint as shown in
Table 21-3.
• Bit 1 – ALLOC: Endpoint Allocation Bit
Writing this to one allows to allocate the specified amount of memory (endpoint size x number of
banks) for the selected endpoint. Writing this bit to zero allows to free the previously allocated
memory for the selected endpoint.
See Section 21.6, page 198 for more details.
• Bit 0 – Res: Reserved
This bit is reserved and will always read as zero.
Bit
7
654
3
2
1
0
(0xED)
-
EPSIZE[2:0]
EPBK1:0
ALLOC
-
UECFG1X
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R
Initial Value
0
0
0
0
0
0
0
0
Table 21-3.
EPSIZE[2:0] Bits Settings
EPSIZE2
EPSIZE1
EPSIZE0
Endpoint Size
000
8 Bytes
001
16 Bytes
010
32 Bytes
011
64 Bytes
100
Reserved.
101
110
111
Table 21-4.
EPBK[1:0] Bits Settings
EPBK1
EPBK0
Endpoint Size
00
One Bank
01
Two Banks
10
Reserved
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com