Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 58 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 54Page - ATMEL Corporation ATmega16U2 Datasheet HTML 55Page - ATMEL Corporation ATmega16U2 Datasheet HTML 56Page - ATMEL Corporation ATmega16U2 Datasheet HTML 57Page - ATMEL Corporation ATmega16U2 Datasheet HTML 58Page - ATMEL Corporation ATmega16U2 Datasheet HTML 59Page - ATMEL Corporation ATmega16U2 Datasheet HTML 60Page - ATMEL Corporation ATmega16U2 Datasheet HTML 61Page - ATMEL Corporation ATmega16U2 Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 314 page
background image
58
7799B–AVR–07/09
ATmega8U2/16U2/32U2
• Bit 3 - WDEWIF: Watchdog Early Warning Interrupt Flag
This bit is set when a first time-out occurs in the Watchdog Timer and if the WDEWIE bit is
enabled. WDEWIF is automatically cleared by hardware when executing the corresponding
interrupt handling vector. Alternatively, WDIF can be cleared by writing a logic one to the flag.
When the I-bit in SREG and WDEWIE are set, the Watchdog Time-out Interrupt is executed.
• Bit 2 - WDEWIE: Watchdog Early Warning Interrupt Enable
When this bit has been set by software, an interrupt will be generated on the watchdog interrupt
vector when the Early warning flag is set to one by hardware.
• Bit 1:0 - WCLKD[1:0]: Watchdog Timer Clock Divider
Table 10-2.
Watchdog Timer Clock Divider Configuration
WCLKD2
WCLKD1
WCLKD0
Mode
000
Clk
WDT = Clk128k
001
Clk
WDT = Clk128k / 3
010
Clk
WDT = Clk128k / 5
011
Clk
WDT = Clk128k / 7
100
Clk
WDT = Clk128k / 9
101
Clk
WDT = Clk128k / 11
110
Clk
WDT = Clk128k / 13
111
Clk
WDT = Clk128k / 15
Table 10-3.
Watchdog Timer Prescale Select, DIV = 0 (CLKwdt = CLK128 / 1)
WDP3
WDP2
WDP1
WDP0
Number of WDT Oscillator
Cycles before 1st time-out
(Early warning)
Early warning Typical
Time-out at
V
CC = 5.0V
Watchdog
Reset/Interrupt Typical
Time-out at
V
CC = 5.0V
0000
2K (2048) cycles
16 ms
32 ms
0001
4K (4096) cycles
32 ms
64 ms
0010
8K (8192) cycles
64 ms
128 ms
0011
16K (16384) cycles
0.125 s
0.250 s
0100
32K (32768) cycles
0.25 s
0.5 s
0101
64K (65536) cycles
0.5 s
1.0 s
0110
128K (131072) cycles
1.0 s
2.0 s
0111
256K (262144) cycles
2.0 s
4.0 s
1000
512K (524288) cycles
4.0 s
8.0 s
1001
1024K (1048576) cycles
8.0 s
16.0 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com