Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 87 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 83Page - ATMEL Corporation ATmega16U2 Datasheet HTML 84Page - ATMEL Corporation ATmega16U2 Datasheet HTML 85Page - ATMEL Corporation ATmega16U2 Datasheet HTML 86Page - ATMEL Corporation ATmega16U2 Datasheet HTML 87Page - ATMEL Corporation ATmega16U2 Datasheet HTML 88Page - ATMEL Corporation ATmega16U2 Datasheet HTML 89Page - ATMEL Corporation ATmega16U2 Datasheet HTML 90Page - ATMEL Corporation ATmega16U2 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 314 page
background image
87
7799B–AVR–07/09
ATmega8U2/16U2/32U2
• Bit 1:0 – PCIF[1:0]: Pin Change Interrupt Flag 1:0
When a logic change on any PCINT[12:8]/[7:0] pin triggers an interrupt request, PCIF1/0
becomes set (one). If the I-bit in SREG and the PCIE1/0 bit in EIMSK are set (one), the MCU will
jump to the corresponding Interrupt Vector. The flag is cleared when the interrupt routine is exe-
cuted. Alternatively, the flag can be cleared by writing a logical one to it.
13.2.7
PCMSK0 – Pin Change Mask Register 0
• Bit 7:0 – PCINT[7:0]: Pin Change Enable Mask 7:0
Each PCINT[7:0] bit selects whether pin change interrupt is enabled on the corresponding I/O
pin. If PCINT[7:0] is set and the PCIE0 bit in PCICR is set, pin change interrupt is enabled on the
corresponding I/O pin. If PCINT[7:0] is cleared, pin change interrupt on the corresponding I/O
pin is disabled.
13.2.8
PCMSK1 – Pin Change Mask Register 1
• Bit 4:0 – PCINT[12:8]: Pin Change Enable Mask 12:8
Each PCINT[12:8] bit selects whether pin change interrupt is enabled on the corresponding I/O
pin. If PCINT[12:8] is set and the PCIE1 bit in PCICR is set, pin change interrupt is enabled on
the corresponding I/O pin. If PCINT[12:8] is cleared, pin change interrupt on the corresponding
I/O pin is disabled.
Bit
7654
3210
(0x6B)
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
PCMSK0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
0000
Bit
7654
3210
(0x6C)
-
-
-
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
PCMSK1
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com