Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 62 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 58Page - ATMEL Corporation ATmega16U2 Datasheet HTML 59Page - ATMEL Corporation ATmega16U2 Datasheet HTML 60Page - ATMEL Corporation ATmega16U2 Datasheet HTML 61Page - ATMEL Corporation ATmega16U2 Datasheet HTML 62Page - ATMEL Corporation ATmega16U2 Datasheet HTML 63Page - ATMEL Corporation ATmega16U2 Datasheet HTML 64Page - ATMEL Corporation ATmega16U2 Datasheet HTML 65Page - ATMEL Corporation ATmega16U2 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 314 page
background image
62
7799B–AVR–07/09
ATmega8U2/16U2/32U2
Table 10-8.
Watchdog Timer Prescale Select, DIV = 5 (CLKwdt = CLK128 / 11)
WDP3
WDP2
WDP1
WDP0
Number of WDT Oscillator
Cycles before 1st time-out
(Early warning)
Early warning Typical
Time-out at
V
CC = 5.0V
Watchdog
Reset/Interrupt Typical
Time-out at
V
CC = 5.0V
0000
2K (2048) cycles
88 ms
176 ms
0001
4K (4096) cycles
176 ms
352 ms
0010
8K (8192) cycles
352 ms
704 ms
0011
16K (16384) cycles
704 ms
1.4 s
0100
32K (32768) cycles
1.4 s
2.8 s
0101
64K (65536) cycles
2.8 s
5.6 s
0110
128K (131072) cycles
5.6 s
11.2 s
0111
256K (262144) cycles
11.2 s
22.5 s
1000
512K (524288) cycles
22.5 s
45 s
1001
1024K (1048576) cycles
45s
90 s
1010
Reserved
1011
1100
1101
1110
1111
Table 10-9.
Watchdog Timer Prescale Select, DIV = 6(CLKwdt = CLK128 / 13)
WDP3
WDP2
WDP1
WDP0
Number of WDT Oscillator
Cycles before 1st time-out
(Early warning)
Early warning Typical
Time-out at
V
CC = 5.0V
Watchdog
Reset/Interrupt Typical
Time-out at
V
CC = 5.0V
0000
2K (2048) cycles
104 ms
208 ms
0001
4K (4096) cycles
208 ms
416 ms
0010
8K (8192) cycles
416 ms
832 ms
0011
16K (16384) cycles
832 ms
1.64 s
0100
32K (32768) cycles
1.6 s
3.3 s
0101
64K (65536) cycles
3.3 s
6.6 s
0110
128K (131072) cycles
6.6 s
13.3 s
0111
256K (262144) cycles
13.3 s
26.6 s
1000
512K (524288) cycles
26.6 s
53.2 s
1001
1024K (1048576) cycles
53.2 s
106.4 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com