Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 210 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 210 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 206Page - ATMEL Corporation ATmega16U2 Datasheet HTML 207Page - ATMEL Corporation ATmega16U2 Datasheet HTML 208Page - ATMEL Corporation ATmega16U2 Datasheet HTML 209Page - ATMEL Corporation ATmega16U2 Datasheet HTML 210Page - ATMEL Corporation ATmega16U2 Datasheet HTML 211Page - ATMEL Corporation ATmega16U2 Datasheet HTML 212Page - ATMEL Corporation ATmega16U2 Datasheet HTML 213Page - ATMEL Corporation ATmega16U2 Datasheet HTML 214Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 314 page
background image
210
7799B–AVR–07/09
ATmega8U2/16U2/32U2
• Bits 7:3 – Res: Reserved
These bits are reserved and will always read as zero.
• Bit 2 – RSTCPU: USB Reset CPU Bit
Writing this bit to one allows the CPU controller to reset the CPU when a USB bus reset condi-
tion is detected. When this mode is activated, the next USB bus reset event allows to reset the
CPU and all peripherals except the USB controller. This mode allows to perform a software
reset, but keep the USB device attached to the bus.
This bit is reset when the USB controller is disabled or when writing this bit to zero by firmware.
Writing this bit to zero makes the CPU system reset independent from the USB bus reset event.
• Bit 1 – RMWKUP: Remote Wake-up Bit
Writing this bit to one allows the USB controller to generate an “upstream-resume” packet on the
USB bus. This bit is immediately cleared by hardware and can not be read back to one. Writing
this bit to zero has no effect.
See “Remote Wake-up” on page 201 for more details.
• Bit 0 – DETACH: Detach Bit
Writing this bit to one (default value) disables the USB D+ internal pull-up. This makes the USB
device controller physically “detached” from the USB bus. Writing this bit to zero enables the D+
internal pull-up and physically connects the USB device controller to the USB bus. See “Detach”
on page 200 for more details.
21.18.2
UDINT – USB Device Interrupt Register
• Bit 7 – Res: Reserved
This bit is reserved and should always read as zero.
• Bit 6 – UPRSMI: Upstream Resume Interrupt Flag
This flag is set by hardware when the USB controller has successfully sent the Upstream
Resume sequence (See description of “Bit 1 – RMWKUP: Remote Wake-up Bit” on page 210). If
UPRSME is set, the UPRSMI flag can generate a “USB general interrupt”. Writing this bit to zero
acknowledges the interrupt source (USB clocks must be enabled before). Writing this bit to one
has no effect.
• Bit 5 – EORSMI: End Of Resume Interrupt Flag
This flag is set by hardware when the USB controller detects an End Of Resume sequence on
the USB initiated by the host. If the EORSME bit is set, the EORSMI flag can generate a “USB
general interrupt”. Writing this bit to zero acknowledges the interrupt source (USB clocks must
be enabled before). Writing this bit to one has no effect.
Bit
7
65
43
2
1
0
(0xE1)
-
UPRSMI
EORSMI
WAKEUPI
EORSTI
SOFI
-
SUSPI
UDINT
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com