| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATmega48 Datasheet(PDF) 203 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega48 Datasheet(HTML) 203 Page - ATMEL Corporation |
|
203 / 340 page ![]() 203 7530H–AVR–02/09 ATmega48/88/168 Automotive Figure 19-2. Data Validity 19.3.2 START and STOP Conditions The Master initiates and terminates a data transmission. The transmission is initiated when the Master issues a START condition on the bus, and it is terminated when the Master issues a STOP condition. Between a START and a STOP condition, the bus is considered busy, and no other master should try to seize control of the bus. A special case occurs when a new START condition is issued between a START and STOP condition. This is referred to as a REPEATED START condition, and is used when the Master wishes to initiate a new transfer without relin- quishing control of the bus. After a REPEATED START, the bus is considered busy until the next STOP. This is identical to the START behavior, and therefore START is used to describe both START and REPEATED START for the remainder of this datasheet, unless otherwise noted. As depicted below, START and STOP conditions are signalled by changing the level of the SDA line when the SCL line is high. Figure 19-3. START, REPEATED START and STOP conditions SDA SCL Data Stable Data Stable Data Change SDA SCL START STOP REPEATED START STOP START |