| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATmega48 Datasheet(PDF) 197 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega48 Datasheet(HTML) 197 Page - ATMEL Corporation |
|
197 / 340 page ![]() 197 7530H–AVR–02/09 ATmega48/88/168 Automotive Note: 1. The example code assumes that the part specific header file is included. For I/O Registers located in extended I/O map, "IN", "OUT", "SBIS", "SBIC", "CBI", and "SBI" instructions must be replaced with instructions that allow access to extended I/O. Typically "LDS" and "STS" combined with "SBRS", "SBRC", "SBR", and "CBR". 18.5.1 Transmitter and Receiver Flags and Interrupts The RXCn, TXCn, and UDREn flags and corresponding interrupts in USART in MSPIM mode are identical in function to the normal USART operation. However, the receiver error status flags (FE, DOR, and PE) are not in use and is always read as zero. 18.5.2 Disabling the Transmitter or Receiver The disabling of the transmitter or receiver in USART in MSPIM mode is identical in function to the normal USART operation. Assembly Code Example(1) USART_MSPIM_Transfer: ; Wait for empty transmit buffer sbis UCSRnA, UDREn rjmp USART_MSPIM_Transfer ; Put data (r16) into buffer, sends the data out UDRn,r16 ; Wait for data to be received USART_MSPIM_Wait_RXCn: sbis UCSRnA, RXCn rjmp USART_MSPIM_Wait_RXCn ; Get and return received data from buffer in r16, UDRn ret C Code Example (1) unsigned char USART_Receive( void ) { /* Wait for empty transmit buffer */ while ( !( UCSRnA & (1<<UDREn)) ); /* Put data into buffer, sends the data */ UDRn = data; /* Wait for data to be received */ while ( !(UCSRnA & (1<<RXCn)) ); /* Get and return received data from buffer */ return UDRn; } |