| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R7KA8D2AFDCAC Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8D2AFDCAC Datasheet(HTML) 19 Page - Renesas Technology Corp |
|
19 / 292 page ![]() Table 1.15 Pin functions (7 of 7) Function Signal I/O Description Analog power supply AVCC0 Input Analog voltage supply pin. This is used as the analog power supply for the respective modules. AVSS0 Input Analog ground pin. This is used as the analog ground for the respective modules. Supply this pin with the same voltage as the VSS pin. VREFH Input Analog reference voltage supply pin for the ADC16H (unit 1) and D/A Converter. Connect this pin to AVCC0 when not using the ADC16H (unit 1) and D/A Converter. VREFL Input Analog reference ground pin for the ADC16H and D/A Converter. Connect this pin to AVSS0 when not using the ADC16H (unit 1) and D/A Converter. VREFH0 Input Analog reference voltage supply pin for the ADC16H (unit 0). Connect this pin to AVCC0 when not using the ADC16H (unit 0). VREFL0 Input Analog reference ground pin for the ADC16H. Connect this pin to AVSS0 when not using the ADC16H (unit 0). ADC16H ANxxx Input Input pins for the analog signals to be processed by the A/D converter. ADTRGm Input Input pins for the external trigger signals that start the A/D conversion, active-low. ADSTm Output AD conversion start ADmFLAG1 Output AD conversion end ADSYNC Output Synchronization signal between units DAC12 DAn Output Output pins for the analog signals processed by the D/A converter. ACMPHS VCOUT Output Comparator output pin IVREFn Input Reference voltage input pins for comparator IVCMPn Input Analog voltage input pins for comparator I/O ports Pmn I/O General-purpose input/output pins (m: port number, n: pin number) P200 Input General-purpose input pin GLCDC LCD_DATA23 to LCD_DATA00 Output Data output pins for panel LCD_TCON3 to LCD_TCON0 Output Output pins for panel timing adjustment LCD_CLK Output Panel clock output pin LCD_EXTCLK Input Panel clock source input pin MIPI VCC18_MIPI Input Power supply pin AVCC_MIPI Input Analog power supply VSS_MIPI Input Ground pin MIPI_CL_P Output DSI/CSI Clock Lane positive pin MIPI_CL_N Output DSI/CSI Clock Lane negative pin MIPI_DL0_P I/O DSI/CSI Data Lane 0 positive pin MIPI_DL0_N I/O DSI/CSI Data Lane 0 negative pin MIPI_DL1_P Output DSI/CSI Data Lane 1 positive pin MIPI_DL1_N Output DSI/CSI Data Lane 1 negative pin DSI_TE Input DSI Tearing Effect pin CEU VIO_D15 to VIO_D0 Input CEU data bus pins VIO_CLK Input CEU clock pins VIO_VD Input CEU vertical sync pins VIO_HD Input CEU horizontal sync pins VIO_FLD Input Field signal pins RA8D2 Datasheet 1. Overview R01DS0493EJ0130 Rev.1.30 Feb 27, 2026 Page 19 of 292 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |