Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8D2AFDCAC Datasheet(PDF) 10 Page - Renesas Technology Corp

No. de pieza R7KA8D2AFDCAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAC Datasheet HTML 6Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 7Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 8Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 9Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 10Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 11Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 12Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 13Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 292 page
background image
Table 1.13
Product list
Product part number
Product
group
CPU
MIPI
DSI/CSI
Package code
Code MRAM SRAM Flash
Operating junction
temperature
R7KA8D2ADLCAB
A
single —
PLBG0224JA-A 512 KB
2 MB
—
0 to 95 °C
R7KA8D2ADLCAC
PLBG0289JA-A
R7KA8D2ADDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2ADDCAC
PLBG0289JA-A
R7KA8D2AFLCAB
A
PLBG0224JA-A 1 MB
0 to 95 °C
R7KA8D2AFLCAC
PLBG0289JA-A
R7KA8D2AFDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2AFDCAC
PLBG0289JA-A
R7KA8D2BDLCAB
A
✔
PLBG0224JA-A 512 KB
0 to 95 °C
R7KA8D2BDLCAC
PLBG0289JA-A
R7KA8D2BDDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2BDDCAC
PLBG0289JA-A
R7KA8D2BFLCAB
A
PLBG0224JA-A 1 MB
0 to 95 °C
R7KA8D2BFLCAC
PLBG0289JA-A
R7KA8D2BFDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2BFDCAC
PLBG0289JA-A
R7KA8D2JFLCAB
A
dual
—
PLBG0224JA-A 1 MB
0 to 95 °C
R7KA8D2JFLCAC
PLBG0289JA-A
R7KA8D2JFDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2JFDCAC
PLBG0289JA-A
R7KA8D2KFLCAB
A
✔
PLBG0224JA-A
0 to 95 °C
R7KA8D2KFLCAC
PLBG0289JA-A
R7KA8D2KFDCAB
B
PLBG0224JA-A
-40 to 105 °C
R7KA8D2KFDCAC
PLBG0289JA-A
R7JA8D2JRLSAJ
A
dual
-
PLBG0303GA-A 1 MB
4 MB 0 to 95 °C
R7JA8D2JSLSAJ
8 MB
R7JA8D2JRDSAJ
B
4 MB -40 to 105 °C
R7JA8D2JSDSAJ
8 MB
R7JA8D2KRLSAJ
A
✔
4 MB 0 to 95 °C
R7JA8D2KSLSAJ
8 MB
R7JA8D2KRDSAJ
B
4 MB -40 to 105 °C
R7JA8D2KSDSAJ
8 MB
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 10 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com