Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8D2AFDCAC Datasheet(PDF) 74 Page - Renesas Technology Corp

No. de pieza R7KA8D2AFDCAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAC Datasheet HTML 70Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 71Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 72Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 73Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 74Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 75Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 76Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 77Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 292 page
background image
Table 2.33
Standby current (DCDC mode) (1 of 3)
Parameter
Symbol
Typ
Max
Uni
t
Test conditions
95
°C
105 °C
Supply
current*1
Software
Standby
mode
ICC
0.10
1.11 1.12
mA
—
SS2LP_
0
SVSCR
_1
Data of SRAM
and TCM is
retained
ICC_DCDC
2.67
54.
24
62.23
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 1
(n = 0 to 12)
PDRAMSCR1.RKEEPn = 1
(n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC
2.44
52.
53
59.86
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 0
(n = 0 to 12)
PDRAMSCR1.RKEEPn = 0
(n = 0, 1)
SVSCR
_2
Data of SRAM
and TCM is
retained
ICC_DCDC
2.52
51.
58
59.19
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 1
(n = 0 to 12)
PDRAMSCR1.RKEEPn = 1
(n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC
2.33
50.
03
57.09
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 0
(n = 0 to 12)
PDRAMSCR1.RKEEPn = 0
(n = 0, 1)
SVSCR
_3
Data of SRAM
and TCM is
retained
ICC_DCDC
1.68
37.
85
43.60
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 1
(n = 0 to 12)
PDRAMSCR1.RKEEPn = 1
(n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC
1.60
36.
87
42.22
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 0
(n = 0 to 12)
PDRAMSCR1.RKEEPn = 0
(n = 0, 1)
SVSCR
_4
Data of SRAM
and TCM is
retained
ICC_DCDC
1.47
32.
41
38.22
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 1
(n = 0 to 12)
PDRAMSCR1.RKEEPn = 1
(n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC
1.42
31.
61
37.07
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 0
(n = 0 to 12)
PDRAMSCR1.RKEEPn = 0
(n = 0, 1)
SVSCR
_5
Data of SRAM
and TCM is
retained
ICC_DCDC
1.28
29.
69
34.28
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 1
(n = 0 to 12)
PDRAMSCR1.RKEEPn = 1
(n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC
1.24
29.
03
33.32
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 0
(n = 0 to 12)
PDRAMSCR1.RKEEPn = 0
(n = 0, 1)
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 74 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com