Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8D2AFDCAC Datasheet(PDF) 77 Page - Renesas Technology Corp

No. de pieza R7KA8D2AFDCAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAC Datasheet HTML 73Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 74Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 75Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 76Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 77Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 78Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 79Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 80Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 292 page
background image
Table 2.34
Coremark and normal mode current, CPU0 active, CPU1 Deep Sleep. (DCDC mode and External VDD
mode)
Parameter
Symbol Typ
Max
Unit Test conditions
95
°C
105
°C
Supply
current*1*2
CPUCLK0 =
1 GHz
VSCR_1
VCL =
voltage
range 1
Coremark
Cache on
IDD
151
—
—
μA/
MH
z
CPU1 = Deep Sleep
Graphics and ESWM power
domain off
CPUCLK1 = 250 MHz,
MRICLK = 250 MHz, MRPCLK
= 15.6 MHz, ICLK = 250 MHz,
PCLKA = 15.6 MHz, PCLKB =
15.6 MHz, PCLKC = 15.6 MHz,
PCLKD = 15.6 MHz, PCLKE =
15.6 MHz, BCLK = 15.6 MHz
Cache off, executing
from ITCM
143
—
—
Cache off, executing
from SRAM
92
—
—
Cache off, executing
from MRAM
104
—
—
Normal
mode
All peripheral disabled,
Cache on, while (1)
code
118
—
—
All peripheral disabled,
Cache off, while (1)
code executing from
MRAM
121
—
—
CPUCLK0 =
800 MHz
VSCR_1
VCL =
voltage
range 1
Coremark
Cache on
157
—
—
μA/
MH
z
CPU1 = Deep Sleep
Graphics and ESWM power
domain off
CPUCLK1 = 200 MHz,
MRICLK = 200 MHz, MRPCLK
= 12.5 MHz, ICLK = 200 MHz,
PCLKA = 12.5 MHz, PCLKB =
12.5 MHz, PCLKC = 12.5 MHz,
PCLKD = 12.5 MHz, PCLKE =
12.5 MHz, BCLK = 12.5 MHz
Cache off, executing
from ITCM
149
—
—
Cache off, executing
from SRAM
98
—
—
Cache off, executing
from MRAM
111
—
—
Normal
mode
All peripheral disabled,
Cache on, while (1)
code
124
—
—
All peripheral disabled,
Cache off, while (1)
code executing from
MRAM
127
—
—
CPUCLK0 =
600 MHz
VSCR_2
VCL =
voltage
range 2
Coremark
Cache on
164
—
—
μA/
MH
z
CPU1 = Deep Sleep
Graphics and ESWM power
domain off
CPUCLK1 = 150 MHz,
MRICLK = 150 MHz, MRPCLK
= 9.4 MHz, ICLK = 150 MHz,
PCLKA = 9.4 MHz, PCLKB =
9.4 MHz, PCLKC = 9.4 MHz,
PCLKD = 9.4 MHz, PCLKE =
9.4 MHz, BCLK = 9.4 MHz
Cache off, executing
from ITCM
156
—
—
Cache off, executing
from SRAM
106
—
—
Cache off, executing
from MRAM
119
—
—
Normal
mode
All peripheral disabled,
Cache on, while (1)
code
131
—
—
All peripheral disabled,
Cache off, while (1)
code executing from
MRAM
135
—
—
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 77 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com