Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8D2AFDCAC Datasheet(PDF) 81 Page - Renesas Technology Corp

No. de pieza R7KA8D2AFDCAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAC Datasheet HTML 77Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 78Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 79Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 80Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 81Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 82Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 83Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 84Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 292 page
background image
Table 2.39
Operating current (Analog) (2 of 2)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C 105
°C
Supply
current*1
USB operating
current
Low speed
USB
ICCUSBLS 2.9
4.0
4.0
mA
VCC_USB
USBHS
11.51 14.6
14.6
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 0)
USBHS
5.04
6.8
6.8
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 1)
Full speed
USB
ICCUSBFS 4.0
4.7
4.7
mA
VCC_USB
USBHS
12.45 14.7
14.7
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 0)
USBHS
5.98
6.9
6.9
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 1)
High speed
USBHS
ICCUSBHS 45.71 55.3
55.3
mA
VCC_USBHS =
AVCC_USBHS
Standby mode (direct
power down)
USBHS
ICCUSBSB
Y
0.89
11.4
11.4
μA
VCC_USBHS =
AVCC_USBHS
MIPI operating
current
CSI_ULP
ICC18MIPI 0.02
0.04
0.04
mA
2 lanes PLL=OFF
CSI-LP
0.5
0.6
0.6
mA
2 lanes PLL=OFF
CSI-HS
2.7
4.0
4.1
mA
2 lanes 720Mbps
DSI_ULP1
4.4
5.9
6.7
mA
2 lanes PLL=OFF
DSI_ULP2
4.4
5.9
6.7
mA
2 lanes PLL=ON
DSI-LP
4.7
6.5
7.2
mA
2 lanes CL=60pF
DSI-HS
13.3
18.3
18.6
mA
2 lanes 720Mbps
Standby
0.001 0.2
0.2
mA
—
CSI_ULP
ICCMIPI
5.5
6.3
6.7
mA
2 lanes PLL=OFF
CSI-LP
5.5
6.3
6.7
mA
2 lanes PLL=OFF
CSI-HS
13.2
15.3
18.2
mA
2 lanes 720Mbps
DSI_ULP1
5.4
5.7
6.8
mA
2 lanes PLL=OFF
DSI_ULP2
6.9
7.9
9.7
mA
2 lanes PLL=ON
DSI-LP
6.9
9.1
9.7
mA
2 lanes
DSI-HS
8.2
9.6
11.5
mA
2 lanes 720Mbps
Standby
0.001 0.1
0.1
mA
—
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. When the MCU is in Software Standby mode or the MSTPCRD.MSTPD21 (16-Bit A/D Converter Module Stop bit) is in the
module-stop state.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 81 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com