Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8D2AFDCAC Datasheet(PDF) 97 Page - Renesas Technology Corp

No. de pieza R7KA8D2AFDCAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAC Datasheet HTML 93Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 94Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 95Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 96Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 97Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 98Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 99Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 100Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 292 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.000001
0.00001
0.0001
0.01
0.1
1
0.001
Load current [A]
VCC_DCDC = 3.3V, SVSCR_5
VCC_DCDC = 1.8V, SVSCR_5
VCC_DCDC = 3.3V, SVSCR_2
VCC_DCDC = 1.8V, SVSCR_2
Figure 2.21
Typical DCDC efficiency (%) vs load current (A) in Software Standby mode (SSCR1.SS2LP =
SS2LP_1), Tj = 25 °C
0
10
20
30
40
50
60
70
80
90
100
0.000001
0.00001
0.0001
0.01
0.1
1
0.001
Load current [A]
VCC_DCDC = 3.3V, SVSCR_5
VCC_DCDC = 1.8V, SVSCR_5
VCC_DCDC = 3.3V, SVSCR_2
VCC_DCDC = 1.8V, SVSCR_2
Figure 2.22
Typical DCDC efficiency (%) vs load current (A) in Software Standby mode (SSCR1.SS2LP =
SS2LP_1), Tj = 105 °C
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 97 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com