Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T4H080TW Datasheet(PDF) 10 Page - ABB

No. de pieza T4H080TW
Descripción Electrónicos  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

T4H080TW Datasheet(HTML) 10 Page - ABB

Back Button T4H080TW Datasheet HTML 6Page - ABB T4H080TW Datasheet HTML 7Page - ABB T4H080TW Datasheet HTML 8Page - ABB T4H080TW Datasheet HTML 9Page - ABB T4H080TW Datasheet HTML 10Page - ABB T4H080TW Datasheet HTML 11Page - ABB T4H080TW Datasheet HTML 12Page - ABB T4H080TW Datasheet HTML 13Page - ABB T4H080TW Datasheet HTML 14Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
ABB
7
AC1615S - 03/10
T2
T2
100A, 480VAC ∆
Thermal-Magnetic/Electronic/Current Limiting
T2
General
The T2 breaker family ranges from 10 through 100 amperes. The T2 trip units
are non-interchangeable and use the very latest technology in electromagnetic
relays for overcurrent trip protection as well as a version with microprocessor-
based electronic trip unit. Thermal overload protection is provided by heat
sensitive bimetals. State of the art construction in contacts and arcing chambers
aid in limiting damaging fault currents through the protected circuits.
Standards
The UL489/CSA C22.2 No. 5 version of T2 also carries an IEC-60947-2 rating.
Versions
The T2 frame is available in four versions:
T = Thermal-magnetic, fixed
B = Adjustable LS/I electronic
M = Magnetic only (MCP)
E5 = Electronic instantaneous only (MCP)
Trip Functions
These tripping functions are available:
L = Long time
S = Short time
I
= Instantaneous
Perfomance Levels
The T2 breaker has two performance levels available:
S = Standard
H = High - UL Current Limiting
Number of Poles
The UL/CSA version of the T2 is available in three and four pole versions.
IEC versions of the T2 are also available with the same dimensions up to
160 amperes. Please contact ABB for details.
Reverse Feeding
All versions of the T2 family are suitable for reverse feed applications.
UL489 / CSA C22.2 Interrupting Capacity (kA RMS)
Voltage
Continuous Rating
S
H
240VAC
10 – 100A
65
150
480VAC ∆
10 – 100A
35
65
Dimensions
3P Fixed Version
5.12H x 3.54W x 2.76D
Weight
2.84 (Ibs)
IEC 60947-2 Interrupting Capacity (kA RMS)
Voltage
Continuous Rating
S
H
230VAC
1.6 – 160A
85
100
415VAC
1.6 – 160A
50
70
440V
1.6 – 160A
45
55
500V
1.6 – 160A
30
36
690VAC
1.6 – 160A
7
8
250VDC 2 pole series
1.6 – 160A
50
70
500VDC 3 pole series
1.6 – 160A
50
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com