Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T4H080TW Datasheet(PDF) 4 Page - ABB

No. de pieza T4H080TW
Descripción Electrónicos  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

T4H080TW Datasheet(HTML) 4 Page - ABB

  T4H080TW Datasheet HTML 1Page - ABB T4H080TW Datasheet HTML 2Page - ABB T4H080TW Datasheet HTML 3Page - ABB T4H080TW Datasheet HTML 4Page - ABB T4H080TW Datasheet HTML 5Page - ABB T4H080TW Datasheet HTML 6Page - ABB T4H080TW Datasheet HTML 7Page - ABB T4H080TW Datasheet HTML 8Page - ABB T4H080TW Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
ABB
1
AC1615S - 03/10
Introduction
ABB is once again demonstrating its
commitment to new product development
and its superiority in product technology.
Never before has the industry seen
such high performance, versatility and
standardization in a range of molded case
circuit breakers.
The ABB Tmax line of circuit breakers,
with a range up to 3000A, has several key
features that go along with its very small
size:
• Double insulation – this construction
characteristic allows for the CSA/
UL listed field installation of internal
accessories without exposure to
energized parts
• Complete range of electrical and
mechanical accessories
• Positive operation – breakers from ABB
ensure that the toggle indicates the
precise position of the moving contacts.
This guarantees safe and reliable
signaling by the device
• Installation – Tmax molded case circuit
breakers can be installed in panels and
switchboards in either the horizontal
or vertical planes while being fed from
either end without any derating of their
performance characteristics
• Interrupting ratings at 600VAC up to
100kAIC
• Compact size
• All Tmax molded case circuit breakers
are CSA-UL listed and IEC rated for
global application and acceptance
• All versions of the Tmax family are suitable
for reverse feed applications
The ABB Tmax series includes eight basic
frame sizes as well as the T1 single pole with
the range rated from 15A to 3000A at 600VAC.
Frame Sizes — Eight Basic Sizes
The ABB Tmax series includes eight basic
frame sizes as well as the T1 single pole with
the range rated from 15A to 3000A at 600VAC.
The various versions carry the following
interrupting capacities:
• B Basic breaking capacity
• N Normal breaking capacity
• S Standard breaking capacity
• H High breaking capacity
• L Extra high breaking capacity
• V Very high breaking capacity
Derived Versions
• Thermal magnetic
• Electronic
• Molded case switches
• Motor circuit protectors (MCPs)
• Direct current (DC) rated
ABB Tmax Versions
• Fixed: all models
• Drawout or plug-in: T2, T3, Ts3, T4, T5, T6
and T7
• UL File #E93565 (breakers and MCPs)
#E116596 (Accessories)
#E116595 (Molded case switches)
• CSA file #LR54280
Tmax
Molded Case Circuit Breakers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com