Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T4H080TW Datasheet(PDF) 39 Page - ABB

No. de pieza T4H080TW
Descripción Electrónicos  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

T4H080TW Datasheet(HTML) 39 Page - ABB

Back Button T4H080TW Datasheet HTML 35Page - ABB T4H080TW Datasheet HTML 36Page - ABB T4H080TW Datasheet HTML 37Page - ABB T4H080TW Datasheet HTML 38Page - ABB T4H080TW Datasheet HTML 39Page - ABB T4H080TW Datasheet HTML 40Page - ABB T4H080TW Datasheet HTML 41Page - ABB T4H080TW Datasheet HTML 42Page - ABB T4H080TW Datasheet HTML 43Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
36
Discount Schedule DS-ST
ABB
AC1615S - 03/10
T7
T7-T7M
1000A / 1200A, 600VAC ∆
MCP (Instantaneous Only), Molded Case Switch
Breaker
IC at
600VAC
Amps
Trip
Unit
3-Pole, 600VAC
Part Number
List
Price
T7
25kA
1000
PR231/P-I
T7S1000MW
50kA
1000
PR231/P-I
T7H1000MW
65kA
1000
PR231/P-I
T7L1000MW
25kA
1200
PR231/P-I
T7S1200MW
50kA
1200
PR231/P-I
T7H1200MW
65kA
1200
PR231/P-I
T7L1200MW
Breaker
IC at
600VAC
Amps
Trip
Unit
3-Pole, 600VAC
Part Number
List
Price
T7M
25kA
1000
PR231/P-I
T7MS1000MW
50kA
1000
PR231/P-I
T7MH1000MW
65kA
1000
PR231/P-I
T7ML1000MW
25kA
1200
PR231/P-I
T7MS1200MW
50kA
1200
PR231/P-I
T7MH1200MW
65kA
1200
PR231/P-I
T7ML1200MW
T7/T7M-1200A Frame, Molded Case Switch (AC Only)
Breaker
IC at
600VAC
Amps
Magnetic
Trip
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
T7
50kA
1200
12000
T7H1200DW
T7H1200DW-4
T7M
50kA
1200
12000
T7MH1200DW
T7MH1200DW-4
T7-1000/1200A Frame, Motor Control Protection (MCP) Electronic Trip Unit (AC Only)
T7M-1000/1200A Frame, Motor Control Protection (MCP) Electronic Trip Unit (AC Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com